Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8155 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD8155
Description  6.5 Gbps Dual Buffer Mux/Demux
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD8155 Datasheet(HTML) 5 Page - Analog Devices

  AD8155 Datasheet HTML 1Page - Analog Devices AD8155 Datasheet HTML 2Page - Analog Devices AD8155 Datasheet HTML 3Page - Analog Devices AD8155 Datasheet HTML 4Page - Analog Devices AD8155 Datasheet HTML 5Page - Analog Devices AD8155 Datasheet HTML 6Page - Analog Devices AD8155 Datasheet HTML 7Page - Analog Devices AD8155 Datasheet HTML 8Page - Analog Devices AD8155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD8155
Rev. 0 | Page 5 of 36
I2C TIMING SPECIFICATIONS
SCL
S
Sr
NOTES
1. S = START CONDITION.
2. Sr = REPEAT START.
3. P = STOP.
S
P
SDA
tF
tLOW
tHD;STA
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tHIGH
tF
tSU;STO
tR
tBUF
tR
Figure 2. I2C Timing Diagram
Table 2. I2C Timing Parameters
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fSCL
0
400+
kHz
Hold Time for a Start Condition
tHD;STA
0.6
μs
Setup Time for a Repeated Start Condition
tSU;STA
0.6
μs
Low Period of the SCL Clock
tLOW
1.3
μs
High Period of the SCL Clock
tHIGH
0.6
μs
Data Hold Time
tHD;DAT
0
μs
Data Setup Time
tSU;DAT
10
ns
Rise Time for Both SDA and SCL
tR
1
300
ns
Fall Time for Both SDA and SCL
tF
1
300
ns
Setup Time for Stop Condition
tSU;STO
0.6
μs
Bus Free Time Between a Stop and a Start Condition
tBUF
1
μs
Bus Free Time After a Reset
1
μs
Reset Pulse Width
10
ns
Capacitance for Each I/O Pin
Ci
5
7
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn