Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7949BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7949BCPZ
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7949BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7949BCPZ Datasheet HTML 5Page - Analog Devices AD7949BCPZ Datasheet HTML 6Page - Analog Devices AD7949BCPZ Datasheet HTML 7Page - Analog Devices AD7949BCPZ Datasheet HTML 8Page - Analog Devices AD7949BCPZ Datasheet HTML 9Page - Analog Devices AD7949BCPZ Datasheet HTML 10Page - Analog Devices AD7949BCPZ Datasheet HTML 11Page - Analog Devices AD7949BCPZ Datasheet HTML 12Page - Analog Devices AD7949BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD7949
Rev. B | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V to 5.5 V, VREF = 2.5 V to 5 V, VIO = 2.3 V to VDD, unless otherwise noted..
1.0
0.5
0
–0.5
–1.0
0
4,096
8,192
12,288
16,384
CODES
Figure 5. Integral Nonlinearity vs. Code, VREF = VDD = 5 V
300k
250k
200k
150k
100k
50k
0
1FFC
CODE IN HEX
1FFD
1FFE
1FFF
2000
2001
2002
2003
00
0
1
0
00
0
VREF = VDD = 5V
261,120
Figure 6. Histogram of a DC Input at Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
050
25
75
100
125
FREQUENCY (kHz)
VREF = VDD = 5V
fS= 250kSPS
fIN = 19.9kHz
SNR = 85.3dB
SINAD = 85.2dB
THD = –100dB
SFDR = 103dB
SECOND HARMONIC = –110dB
THIRD HARMONIC = –103dB
Figure 7. 20 kHz FFT, VREF = VDD = 5 V
CODES
0
4,096
8,192
12,288
16,384
1.0
0.5
0
–0.5
–1.0
Figure 8. Differential Nonlinearity vs. Code, VREF = VDD = 5 V
CODE IN HEX
259,473
300k
250k
200k
150k
100k
50k
0
1FFC 1FFD 1FFE 1FFF
2000
2001
2002
2003
2004
00
0
955
693
00
0
VREF = VDD = 2.5V
Figure 9. Histogram of a DC Input at Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
050
25
75
100
FREQUENCY (kHz)
VREF = VDD = 2.5V
fs= 200kSPS
fIN = 19.9kHz
SNR = 84.2dB
SINAD = 82.4dB
THD = –84dB
SFDR = 85dB
SECOND HARMONIC = –100dB
THIRD HARMONIC = –85dB
Figure 10. 20 kHz FFT, VREF = VDD = 2.5 V


Similar Part No. - AD7949BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7949BCPZ AD-AD7949BCPZ Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7949BCPZ AD-AD7949BCPZ Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
AD7949BCPZRL7 AD-AD7949BCPZRL7 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7949BCPZRL7 AD-AD7949BCPZRL7 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
More results

Similar Description - AD7949BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
AD7949 AD-AD7949 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7942 AD-AD7942 Datasheet
555Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com