Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7357YRUZ Datasheet(PDF) 15 Page - Analog Devices

Part No. AD7357YRUZ
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357YRUZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7357YRUZ Datasheet HTML 11Page - Analog Devices AD7357YRUZ Datasheet HTML 12Page - Analog Devices AD7357YRUZ Datasheet HTML 13Page - Analog Devices AD7357YRUZ Datasheet HTML 14Page - Analog Devices AD7357YRUZ Datasheet HTML 15Page - Analog Devices AD7357YRUZ Datasheet HTML 16Page - Analog Devices AD7357YRUZ Datasheet HTML 17Page - Analog Devices AD7357YRUZ Datasheet HTML 18Page - Analog Devices AD7357YRUZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD7357
Rev. 0 | Page 15 of 20
MODES OF OPERATION
The AD7357 mode of operation is selected by controlling the
logic state of the CS signal during a conversion. There are three
possible modes of operation: normal mode, partial power-down
mode, and full power-down mode. After a conversion has been
initiated, the point at which CS is pulled high determines which
power-down mode, if any, the device enters. Similarly, if already
in a power-down mode, CS can control whether the device
returns to normal operation or remains in a power-down mode.
These modes of operation are designed to provide flexible power
management options. These options can be chosen to optimize
the power dissipation/throughput rate ratio for the differing
application requirements.
NORMAL MODE
Normal mode is intended for applications needing the fastest
throughput rates. The user does not have to worry about any
power-up times because the AD7357 remains fully powered at
all times. Figure 24 shows the general diagram of the operation
of the AD7357 in this mode.
SCLK
LEADING ZEROS + CONVERSION RESULT
CS
1
10
14
SDATAA
SDATAB
Figure 24. Normal Mode Operation
The conversion is initiated on the falling edge of CS, as described
in the
section. To ensure that the part remains
fully powered up at all times,
Serial Interface
CS must remain low until at least
10 SCLK falling edges have elapsed after the falling edge of CS.
If CS is brought high any time after the 10th SCLK falling edge
but before the 16th SCLK falling edge, the part remains powered
up, but the conversion is terminated and SDATA and SDATAB
go back into three-state. 16 serial clock cycles are required to
complete the conversion and access the conversion result for
the AD7357. The SDATA lines do not return to three-state
after 16 SCLK cycles have elapsed, but instead do so when
A
CS
is brought high again. If CS is left low for another 2 SCLK
cycles, two trailing zeros are clocked out after the data. If CS
is left low for a further 16 SCLK cycles, the result for the other
ADC on board is also accessed on the same SDATA line as
shown in
(see the
section).
Figure 31
Serial Interface
When 32 SCLK cycles have elapsed, the SDATA line returns to
three-state on the 32nd SCLK falling edge. If CS is brought high
prior to this, the SDATA line returns to three-state at that point.
Thus, CS may idle low after 32 SCLK cycles until it is brought
high again sometime prior to the next conversion, if so desired,
because the bus still returns to three-state upon completion of
the dual result read.
When a data transfer is complete and SDATAA and SDATAB
have returned to three-state, another conversion can be initiated
after the quiet time, tQUIET, has elapsed by bringing CS low again
(assuming the required acquisition time has been allowed).
PARTIAL POWER-DOWN MODE
This mode is intended for use in applications where slower
throughput rates are required. Either the ADC is powered
down between each conversion, or a series of conversions
can be performed at a high throughput rate and the ADC is
then powered down for a relatively long duration between
these bursts of several conversions. When the AD7357 is in
partial power-down, all analog circuitry is powered down
except for the on-chip reference and reference buffers.
To enter partial power-down mode, the conversion process
must be interrupted by bringing CS high anywhere after the
second falling edge of SCLK and before the 10th falling edge of
SCLK, as shown in
. When
Figure 25
CS is brought high in this
window of SCLKs, the part enters partial power-down mode,
the conversion that was initiated by the falling edge of CS is
terminated, and SDATA and SDATAB go back into three-state. If
A
CS is brought high before the second SCLK falling edge, the
part remains in normal mode and does not power down. This
avoids accidental power-down due to glitches on the CS line.
SCLK
THREE-STATE
CS
SDATAA
SDATAB
11
10
4
2
Figure 25. Entering Partial Power-Down Mode
To exit this mode of operation and to power up the AD7357
again, perform a dummy conversion. On the falling of CS, the
device begins to power up and continues to power up as long
as CS is held low until after the falling edge of the 10th SCLK.
The device is fully powered up after approximately 200 ns
elapses (or one full conversion), and valid data results from the
next conversion, as shown in
. If
Figure 26
CS is brought high
before the second falling edge of SCLK, the AD7357 again goes
into partial power-down mode. This avoids accidental power-
up due to glitches on the CS line. Although the device may
begin to power up on the falling edge of CS, it powers down
again on the rising edge of CS. If the AD7357 is already in
partial power-down mode and CS is brought high between
the second and 10th falling edges of SCLK, the device enters
full power-down mode.


Similar Part No. - AD7357YRUZ

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7357YRUZ AD-AD7357YRUZ Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357YRUZ AD-AD7357YRUZ Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357YRUZ AD-AD7357YRUZ Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
AD7357YRUZ-500RL7 AD-AD7357YRUZ-500RL7 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357YRUZ-500RL7 AD-AD7357YRUZ-500RL7 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results

Similar Description - AD7357YRUZ

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz