Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7357YRUZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7357YRUZ
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357YRUZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7357YRUZ Datasheet HTML 9Page - Analog Devices AD7357YRUZ Datasheet HTML 10Page - Analog Devices AD7357YRUZ Datasheet HTML 11Page - Analog Devices AD7357YRUZ Datasheet HTML 12Page - Analog Devices AD7357YRUZ Datasheet HTML 13Page - Analog Devices AD7357YRUZ Datasheet HTML 14Page - Analog Devices AD7357YRUZ Datasheet HTML 15Page - Analog Devices AD7357YRUZ Datasheet HTML 16Page - Analog Devices AD7357YRUZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7357
Rev. 0 | Page 13 of 20
For ac applications, it is recommended to remove high frequency
components from the analog input signal by the use of an RC
low-pass filter on the analog input pins. In applications where
harmonic distortion and signal-to-noise ratio are critical, the
analog input should be driven from a low impedance source. Large
source impedances significantly affect the ac performance of the
ADC and may necessitate the use of an input buffer amplifier.
The choice of the op amp is a function of the particular
application.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum source
impedance depends on the amount of THD that can be tole-
rated. The THD increases as the source impedance increases
and performance degrades. Figure 17 shows a graph of the
THD vs. the analog input signal frequency for various source
impedances.
–89
–87
–85
–83
–81
–79
–77
–75
–73
–71
–69
–67
–65
100
200
1000
1500
2000
2500
FREQUENCY (kHz)
10
33
50
100
Figure 17. THD vs. Analog Input Frequency for Various Source Impedances
Figure 18 shows a graph of the THD vs. the analog input
frequency while sampling at 4.2 MSPS. In this case, the
source impedance is 33 Ω.
–90.0
–86.0
–82.0
–78.0
–74.0
–70.0
–66.0
0
1000
2000
3000
4000
5000
ANALOG INPUT FREQUENCY (kHz)
Figure 18. THD vs. Analog Input Frequency
ANALOG INPUTS
Differential signals have some benefits over single-ended
signals, including noise immunity based on the device’s
common-mode rejection and improvements in distortion
performance. Figure 19 defines the fully differential input
of the AD7357.
VIN+
AD7357*
VIN–
VREF p-p
VREF p-p
*ADDITIONAL PINS OMITTED FOR CLARITY.
COMMON
MODE
VOLTAGE
Figure 19. Differential Input Definition
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN− pins in
each differential pair (VIN+ − VIN−). VIN+ and VIN− should be
simultaneously driven by two signals each of amplitude VREF
that are 180° out of phase. This amplitude of the differential
signal is, therefore, –VREF to +VREF peak-to-peak regardless of
the common mode (CM).
CM is the average of the two signals and is, therefore, the
voltage on which the two inputs are centered.
CM = (VIN+ + VIN−)/2
This results in the span of each input being CM ± VREF/2. This
voltage has to be set up externally. When setting up the CM,
ensure that that VIN+ and VIN− remain within GND/VDD. When
a conversion takes place, CM is rejected, resulting in a virtually
noise free signal of amplitude –VREF to +VREF corresponding to
the digital codes of 0 to 16,383.
DRIVING DIFFERENTIAL INPUTS
Differential operation requires VIN+ and VIN− to be driven simulta-
neously with two equal signals that are 180° out of phase. Because
not all applications have a signal preconditioned for differential
operation, there is often a need to perform a single-ended-to-
differential conversion.


Similar Part No. - AD7357YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357YRUZ AD-AD7357YRUZ Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357YRUZ AD-AD7357YRUZ Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357YRUZ AD-AD7357YRUZ Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
AD7357YRUZ-500RL7 AD-AD7357YRUZ-500RL7 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357YRUZ-500RL7 AD-AD7357YRUZ-500RL7 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results

Similar Description - AD7357YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com