Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7357YRUZ Datasheet(PDF) 11 Page - Analog Devices

Part No. AD7357YRUZ
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357YRUZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7357YRUZ Datasheet HTML 7Page - Analog Devices AD7357YRUZ Datasheet HTML 8Page - Analog Devices AD7357YRUZ Datasheet HTML 9Page - Analog Devices AD7357YRUZ Datasheet HTML 10Page - Analog Devices AD7357YRUZ Datasheet HTML 11Page - Analog Devices AD7357YRUZ Datasheet HTML 12Page - Analog Devices AD7357YRUZ Datasheet HTML 13Page - Analog Devices AD7357YRUZ Datasheet HTML 14Page - Analog Devices AD7357YRUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7357
Rev. 0 | Page 11 of 20
Intermodulation Distortion (IMD)
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n are equal to zero. For
example, the second-order terms include (fa + fb) and (fa − fb),
while the third-order terms include (2fa + fb), (2fa − fb), (fa +
2fb), and (fa − 2fb).
The AD7357 is tested using the CCIF standard where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves, while the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second- and third-order terms are specified
separately. The calculation of the intermodulation distortion
is as per the THD specification (see Table 2), where it is the
ratio of the rms sum of the individual distortion products to
the rms amplitude of the sum of the fundamentals expressed
in decibels (dB).
Thermal Hysteresis
Thermal hysteresis is defined as the absolute maximum change
of the reference output voltage after the device is cycled through
temperature from either
T_HYS+ = 25°C to TMAX to 25°C
T_HYS– = 25°C to TMIN to 25°C
It is expressed in ppm using the following equation:
6
10
)
25
(
)
_
(
)
25
(
)
ppm
(
×
°
°
=
C
V
HYS
T
V
C
V
V
REF
REF
REF
HYS
where:
VREF(25°C) is VREF at 25°C.
VREF(T_HYS) is the maximum change of VREF at T_HYS+ or
T_HYS–.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn