Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7357YRUZ Datasheet(PDF) 8 Page - Analog Devices

Part No. AD7357YRUZ
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357YRUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7357YRUZ Datasheet HTML 4Page - Analog Devices AD7357YRUZ Datasheet HTML 5Page - Analog Devices AD7357YRUZ Datasheet HTML 6Page - Analog Devices AD7357YRUZ Datasheet HTML 7Page - Analog Devices AD7357YRUZ Datasheet HTML 8Page - Analog Devices AD7357YRUZ Datasheet HTML 9Page - Analog Devices AD7357YRUZ Datasheet HTML 10Page - Analog Devices AD7357YRUZ Datasheet HTML 11Page - Analog Devices AD7357YRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7357
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–140
–120
–100
–80
–60
–40
–20
0
0
250
500
750
1000
1250
1500
1750
2000
FREQUENCY (kHz)
16,384 POINT FFT
fSAMPLE = 4.2MSPS
fIN = 1MHz
SINAD = 76.8dB
THD = –84.5dB
0
5000
10,000
15,000
20,000
8188
8189
8190
8191
8192
8193
8194
8195
CODE
32 HITS
Figure 3. Typical FFT
Figure 6. Histogram of Codes
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4000
8000
12,000
16,000
CODE
65
67
69
71
73
75
77
79
0
1
2
345
ANALOG INPUT FREQUENCY (MHz)
Figure 4. Typical DNL
Figure 7. SNR vs. Analog Input Frequency
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
4000
8000
12,000
16,000
CODE
–85
–80
–75
–70
–65
–60
0
5
10
15
20
25
SUPPLY RIPPLE FREQUENCY (MHz)
Figure 8. PSRR vs. Supply Ripple with No Supply Decoupling
Figure 5. Typical INL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn