Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5412ACPZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD5412ACPZ-REEL
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5412ACPZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5412ACPZ-REEL Datasheet HTML 4Page - Analog Devices AD5412ACPZ-REEL Datasheet HTML 5Page - Analog Devices AD5412ACPZ-REEL Datasheet HTML 6Page - Analog Devices AD5412ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD5412ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD5412ACPZ-REEL Datasheet HTML 9Page - Analog Devices AD5412ACPZ-REEL Datasheet HTML 10Page - Analog Devices AD5412ACPZ-REEL Datasheet HTML 11Page - Analog Devices AD5412ACPZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD5412/AD5422
Rev. A | Page 8 of 40
TIMING CHARACTERISTICS
AVDD = 10.8 V to 26.4 V, AVSS = −26.4 V to −3 V/0 V, AVDD + |AVSS| < 52.8V, GND = 0 V, REFIN = +5 V external; DVCC = 2.7 V to 5.5 V.
VOUT: RLOAD = 1 kΩ, CL = 200 pF, IOUT: RLOAD = 300 Ω; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1, 2, 3
Limit at TMIN, TMAX
Unit
Description
WRITE MODE
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK low time
t3
13
ns min
SCLK high time
t4
13
ns min
LATCH delay time
t5
40
ns min
LATCH high time
t5
5
μs min
LATCH high time (after a write to the control register)
t6
5
ns min
Data setup time
t7
5
ns min
Data hold time
t8
40
ns min
LATCH low time
t9
20
ns min
CLEAR pulse width
t10
5
μs max
CLEAR activation time
READBACK MODE
t11
90
ns min
SCLK cycle time
t12
40
ns min
SCLK low time
t13
40
ns min
SCLK high time
t14
13
ns min
LATCH delay time
t15
40
ns min
LATCH high time
t16
5
ns min
Data setup time
t17
5
ns min
Data hold time
t18
40
ns min
LATCH low time
t19
35
ns max
Serial output delay time (CL SDO4 = 15 pF)
t20
35
ns max
LATCH rising edge to SDO tristate (CL SDO4 = 15 pF)
DAISY-CHAIN MODE
t21
90
ns min
SCLK cycle time
t22
40
ns min
SCLK low time
t23
40
ns min
SCLK high time
t24
13
ns min
LATCH delay time
t25
40
ns min
LATCH high time
t26
5
ns min
Data setup time
t27
5
ns min
Data hold time
t28
40
ns min
LATCH low time
t29
35
ns max
Serial output delay time (CL SDO4 = 15 pF)
1 Guaranteed by characterization; not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.
3 See Figure 2, Figure 3, and Figure 4.
4 CL SDO = capacitive load on SDO output.


Similar Part No. - AD5412ACPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412ACPZ AD-AD5412ACPZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
More results

Similar Description - AD5412ACPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com