Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5422 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 5 Page - Analog Devices

  AD5422 Datasheet HTML 1Page - Analog Devices AD5422 Datasheet HTML 2Page - Analog Devices AD5422 Datasheet HTML 3Page - Analog Devices AD5422 Datasheet HTML 4Page - Analog Devices AD5422 Datasheet HTML 5Page - Analog Devices AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD5412/AD5422
Rev. A | Page 5 of 40
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DC PSRR
90
130
μV/V
3
12
μV/V
Output unloaded
CURRENT OUTPUT
Output Current Ranges
0
24
mA
0
20
mA
4
20
mA
Accuracy (Internal RSET)
Resolution
16
Bits
AD5422
12
Bits
AD5412
Total Unadjusted Error (TUE)
B Version
−0.3
+0.3
% FSR
−0.13
±0.08
+0.13
% FSR
TA = 25°C
A Version
−0.5
+0.5
% FSR
−0.3
±0.15
+0.3
% FSR
TA = 25°C
Relative Accuracy (INL)4
−0.024
+0.024
% FSR
AD5422
−0.032
+0.032
% FSR
AD5412
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Offset Error
−0.27
+0.27
% FSR
−0.12
±0.08
+0.12
% FSR
TA = 25°C
Offset Error Temperature
Coefficient (TC)3
±16
ppm FSR/°C
Gain Error
−0.18
+0.18
% FSR
AD5422
−0.03
±0.006
+0.03
% FSR
AD5422, TA = 25°C
−0.22
+0.22
% FSR
AD5412
−0.06
±0.006
+0.06
% FSR
AD5412, TA = 25°C
Gain Temperature Coefficient (TC)3
±10
ppm FSR/°C
Full-Scale Error
−0.2
+0.2
% FSR
−0.1
±0.08
+0.1
% FSR
TA = 25°C
Full-Scale Temperature Coefficient
(TC)3
±6
ppm FSR/°C
Accuracy (External RSET)
Resolution
16
Bits
AD5422
12
Bits
AD5412
Total Unadjusted Error (TUE)
B Version
−0.15
+0.15
% FSR
−0.06
±0.01
+0.06
% FSR
TA = 25°C
A Version
−0.3
+0.3
% FSR
−0.1
±0.02
+0.1
% FSR
TA = 25°C
Relative Accuracy (INL)4
−0.012
+0.012
% FSR
AD5422
−0.032
+0.032
% FSR
AD5412
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Offset Error
−0.1
+0.1
% FSR
−0.03
±0.006
+0.03
TA = 25°C
Offset Error Temperature
Coefficient (TC)3
±3
μA/°C
Gain Error
−0.08
+0.08
% FSR
−0.05
±0.003
+0.05
% FSR
TA = 25°C
Gain Temperature Coefficient (TC)3
±4
ppm FSR/°C
Full-Scale Error
−0.15
+0.15
% FSR
−0.06
±0.01
+0.06
% FSR
TA = 25°C
Full-Scale Temperature Coefficient
(TC)3
±7
ppm FSR/°C


Similar Part No. - AD5422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5422 AD-AD5422 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5422 AD-AD5422 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5422 AD-AD5422 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
More results

Similar Description - AD5422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com