Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDSF0120-STR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # LDSF0120-STR
Description  PINFET optical receiver modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LDSF0120-STR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  LDSF0120-STR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LDSF0120-STR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDI Document #10-4400-0008 Rev. D 12/17/08
Notes:
1. Bandwidth is measured at the –3dB point.
2. A given bandwidth will typically support an NRZ data rate of 1.4
times the 3dB bandwidth.
3. Sensitivity is calculated using the noise voltage measured at
25
oC at the output of a 3-pole Butterworth filter whose bandwidth
equals that of the PINFET’s minimum specified bandwidth.
Sensitivity is specified as the average optical power in dBm
measured at 1300nm and Ta = 25
oC for a BER \of 10
-9
.
Outline Drawing
Detailed package drawings are available upon request.
Products can be ordered directly from Laser Diode Inc. or its representatives.
When ordering, refer to the numbering diagram above.
For a complete listing of representatives, visit our website at www.laserdiode.com
min
typ
max
min
typ
max
min
typ
max
Dark Current @ -5V
nA
0.5
1
0.5
1
0.5
1
Maximum Optical Input @ -5V
dBm
Sensitivity Level
-3
0
Sensitivity Level
(dBm) +25dB
(dBm) +25dB
Sensitivity Derating Over
Temperature
dB
<1
<1
<1
Detector Responsivity
A/W
850nm
.5
0.6
0.65
1300nm
0.9
0.9
1550nm
0.95
0.95
0.9
0.95
Maximum Output Signal Level
Vpp
2.5
0.8
3.0
Output Impedance
Ohms
10
10
10
Load Impedance
Ohms
1000
1000
1000
Supply Voltage
V
4.5
5.5
4.5
5.5
4.75
5.25
Power Supply Current +5V
mA
25
35
25
35
20
Power Supply Current -5V
mA
10
15
10
15
-
Fiber - MM Tight Buffer
um
50/125/245/900
50/125/245/900
50/125/245/900
Common Characteristics @ 25°C
LDSF & LDPF Series
LDPW Series
LDFR Series
Bandwidth
0004 = 4MHz
0005 = 5MHz
0012 = 12MHz
0024 = 24MHz
0032 = 32MHz
0065 = 65MHz
0120 = 120 MHz
0250 = 250MHz
__ __ __ __
__ __ __ __ __ __ R
RoHS Compliant
Designator
Connector Type
FC = FC / PC
LC = LC / PC
SC = SC / PC
ST = ST®
No Characters = No Connector
Series Indicator
LDPF
LDPW
LDSF
LDFR
Outline Drawing
Part Numbering Diagram
Personal Hazard and Handling Precautions:
Handle optical fiber with normal care, avoiding
stretch, tension, twist, kink or bend abuse.
ESD precautions apply.
Warranty:
Please refer to your product purchase
agreement for complete details or check
with your Laser Diode sales representative.
Notice:
Laser Diode Inc. reserves the right
to make changes to the products or
information contained herein without
notice. No liability is assumed as a
result of their use or application.
Pin
Function
1
-5 V detector bias
2,6,9,11
no connection
12,13,14
no connection
3,5,8
ground
4
-5 volts (LDFR = NC)
7
output
10
+5 volts
Pin Assignments
Units
LDPF, LDPW &
LDSF Series
LDFR Series
Operating Temperature
°C
-40 to +70
-55 to +85
Storage Temperature
°C
-40 to +85
-55 to +85
Positive Supply Voltage
V+7
+7
Negative Supply Voltage
V-7
-
Detector Bias
V-10
-10
Soldering time at 260°C
secs
10
10
Absolute Maximum Ratings


Similar Part No. - LDSF0120-STR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
LDS SCHURTER-LDS Datasheet
370Kb / 4P
   Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
logo
TE Connectivity Ltd
LDS TEC-LDS Datasheet
223Kb / 4P
   HORIZONTAL SHORT-SWING LIQUID LEVEL SENSORS
logo
Schurter Inc.
LDS SCHURTER-LDS Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
logo
Roithner LaserTechnik G...
LDS-1310-005-BL ROITHNER-LDS-1310-005-BL Datasheet
141Kb / 3P
   Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency
LDS-1310-005-FW ROITHNER-LDS-1310-005-FW Datasheet
216Kb / 3P
   Optical Fiber Communication Free-space Optical Communication
More results

Similar Description - LDSF0120-STR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
   Optical receiver modules
2000 Apr 04
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
   Optical Receiver
7820C EMCORE-7820C Datasheet
567Kb / 6P
   CATV Optical Receiver
logo
NXP Semiconductors
BGY847BO PHILIPS-BGY847BO Datasheet
55Kb / 8P
   Optical receiver module
1998 Mar 13
logo
Emcore Corporation
7830W EMCORE-7830W Datasheet
504Kb / 4P
   CATV Optical Receiver
logo
NXP Semiconductors
BGE887BO PHILIPS-BGE887BO Datasheet
56Kb / 8P
   Optical receiver module
2001 Sep 27
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
   Optical receiver module
2000 Apr 10
BGE67BO PHILIPS-BGE67BO Datasheet
79Kb / 6P
   Optical receiver module
1998 Aug 31
BGY67BO PHILIPS-BGY67BO Datasheet
51Kb / 8P
   Optical receiver module
2001 Sep 27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com