Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDSF0065-SCR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # LDSF0065-SCR
Description  PINFET optical receiver modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LDSF0065-SCR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  LDSF0065-SCR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LDSF0065-SCR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDI Document #10-4400-0008 Rev. D 12/17/08
The Laser Diode Inc. PINFET provides an excellent solution for optical receiver systems that require both
high sensitivity and wide dynamic range.
Applications include telecommunications line-terminating
equipment or repeaters and optical sensor systems. The receiver package offers high reliability satisfying
Telcordia specifications.
Specifications and Limits
Minimum¹
Suggested²
Dynamic
Trans-
Bandwidth
Data Rate
Range (dB)
impedance
(MHz)
(Mb/s)
max
typ
typ
(Kohms)
LDPF Series
LDPF 0004
4
6
-54
-56
25
1100
LDPF 0012
12
17
-51
-53
25
740
(non-AGC)
LDPF 0024
24
34
-48
-50
25
340
LDPF 0032
32
45
-47
-49
25
210
LDPF 0065
65
90
-43
-45
25
80
LDPF 0120
120
168
-40
-42
25
40
LDPF 0250
250
350
-35
-37
25
10
LDPW Series
LDPW 0003
3
4
-54
-56
53
1100
LDPW 0012
12
17
-50
-52
49
350
(AGC)
LDPW 0024
24
34
-48
-50
47
340
LDPW 0036
36
52
-46
-48
45
210
LDPW 0065
65
90
-41
-43
40
60
LDPW 0110
110
155
-38
-40
37
30
LDSF Series
LDSF 0004
4
6
-51
-53
25
1100
LDSF 0012
12
17
-48
-50
25
740
(non-AGC)
LDSF 0024
24
34
-45
-47
25
340
LDSF 0032
32
45
-44
-46
25
210
LDSF 0065
65
90
-40
-42
25
80
LDSF 0120
120
168
-37
-39
25
40
LDSF 0250
250
350
-32
-34
25
10
Minimum¹
NEIP
Dynamic
Trans-
Bandwidth
pW/SqRt Hz
Range (dB)
impedance
(MHz)
typ
max
typ
typ
(Kohms)
LDFR Series
LDFR 0850R
5
0.30
-52
-54
25
940
(non-AGC)
LDFR 1550R
5
0.25
-54
-56
25
940
Sensitivity³
(dBm)
Sensitivity³
(dBm)
Performance @ 25°C (+/- 5.0 VDC)
P
PIIN
NF
FE
ET
T
GR-468-CORE Telcordia
Qualified
High Sensitivity
High Overload Power
Wide Dynamic Range
850, 1310, 1550nm Operation
Hermetic Package – Industry
Standard 14 Pin DIP Package
Custom MIL or IEC Screening
Introducing LDFR Series
with Single Supply Option!
MTS - LDI
4 Olsen Avenue
Edison, NJ 08820 USA
Voice (732) 549-9001
Fax: (732) 906-1559
Internet: www.laserdiode.com
Email: sales@laserdiode.com
o
op
pttiic
ca
all rre
ec
ce
eiiv
ve
err m
mo
od
du
ulle
es
s
Laser Diode Incorporated
ISO 9001:2000 Certified


Similar Part No. - LDSF0065-SCR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
LDS SCHURTER-LDS Datasheet
370Kb / 4P
   Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
logo
TE Connectivity Ltd
LDS TEC-LDS Datasheet
223Kb / 4P
   HORIZONTAL SHORT-SWING LIQUID LEVEL SENSORS
logo
Schurter Inc.
LDS SCHURTER-LDS Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
logo
Roithner LaserTechnik G...
LDS-1310-005-BL ROITHNER-LDS-1310-005-BL Datasheet
141Kb / 3P
   Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency
LDS-1310-005-FW ROITHNER-LDS-1310-005-FW Datasheet
216Kb / 3P
   Optical Fiber Communication Free-space Optical Communication
More results

Similar Description - LDSF0065-SCR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
   Optical receiver modules
2000 Apr 04
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
logo
Emcore Corporation
7820R EMCORE-7820R Datasheet
613Kb / 6P
   Optical Receiver
7820C EMCORE-7820C Datasheet
567Kb / 6P
   CATV Optical Receiver
logo
NXP Semiconductors
BGY847BO PHILIPS-BGY847BO Datasheet
55Kb / 8P
   Optical receiver module
1998 Mar 13
logo
Emcore Corporation
7830W EMCORE-7830W Datasheet
504Kb / 4P
   CATV Optical Receiver
logo
NXP Semiconductors
BGE887BO PHILIPS-BGE887BO Datasheet
56Kb / 8P
   Optical receiver module
2001 Sep 27
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
   Optical receiver module
2000 Apr 10
BGE67BO PHILIPS-BGE67BO Datasheet
79Kb / 6P
   Optical receiver module
1998 Aug 31
BGY67BO PHILIPS-BGY67BO Datasheet
51Kb / 8P
   Optical receiver module
2001 Sep 27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com