Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUV22 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BUV22
Description  40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUV22 Datasheet(HTML) 1 Page - Motorola, Inc

  BUV22 Datasheet HTML 1Page - Motorola, Inc BUV22 Datasheet HTML 2Page - Motorola, Inc BUV22 Datasheet HTML 3Page - Motorola, Inc BUV22 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
SWITCHMODE Series
NPN Silicon Power Transistor
. . . designed for high current, high speed, high power applications.
• High DC current gain: HFE min. = 20 at IC = 10 A
• Low VCE(sat): VCE(sat) max. = 1.0 V at IC = 10 A
• Very fast switching times:
TF max. = 0.35 µs at IC = 20 A
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO(sus)
250
Vdc
Collector–Base Voltage
VCBO
300
Vdc
Emitter–Base Voltage
VEBO
7
Vdc
Collector–Emitter Voltage (VBE = –1.5 V)
VCEX
300
Vdc
Collector–Emitter Voltage (RBE = 100 Ω)
VCER
290
Vdc
Collector–Current — Continuous
— Peak (pw
v 10 ms)
IC
ICM
40
50
Adc
Apk
Base–Current continuous
IB
8
Adc
Total Power Dissipation @ TC = 25_C
PD
250
Watts
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
0.7
_C/W
Figure 1. Power Derating
1.0
0
TC, TEMPERATURE (°C)
40
80
160
200
0.4
0.8
0.6
0.2
120
SWITCHMODE is a trademark of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUV22/D
© Motorola, Inc. 1995
BUV22
40 AMPERES
NPN SILICON
POWER
METAL TRANSISTOR
250 VOLTS
250 WATTS
CASE 197A–05
TO–204AE
(TO–3)
REV 7


Similar Part No. - BUV22

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUV22 ONSEMI-BUV22 Datasheet
137Kb / 4P
   SITCHMODE Series NPN Silicon Power Transistor
REV 7
logo
Seme LAB
BUV22 SEME-LAB-BUV22 Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
ON Semiconductor
BUV22 ONSEMI-BUV22 Datasheet
70Kb / 4P
   SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
logo
Inchange Semiconductor ...
BUV22 ISC-BUV22 Datasheet
80Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
BUV22G ONSEMI-BUV22G Datasheet
70Kb / 4P
   SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
More results

Similar Description - BUV22

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
   40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
   50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
BUV23 MOTOROLA-BUV23 Datasheet
139Kb / 4P
   30 AMPERES NPN SILICON POWER METAL TRANSISTOR 325 VOLTS 250 WATTS
BUT33 MOTOROLA-BUT33 Datasheet
284Kb / 8P
   56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
logo
ON Semiconductor
BUT33 ONSEMI-BUT33 Datasheet
284Kb / 8P
   56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
1995 REV 7
logo
Motorola, Inc
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
   50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJF47 MOTOROLA-MJF47 Datasheet
160Kb / 6P
   NPN SILICON POWER TRANSISTOR 1 AMPERE 250 VOLTS 28 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com