Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

220-02H20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 220-02H20
Description  Connector Receptacle Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

220-02H20 Datasheet(HTML) 1 Page - Glenair, Inc.

  220-02H20 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
11
220-02 and 220-12
Connector Receptacle Assembly
Square Flange Mount
SHELL
SIZE
10
12
14
16
18
20
22
24
B THREAD
CLASS 2A
.750 - .1P - .1L
.875 - .1P - .1L
1.000 - .1P - .1L
1.125 - .1P - .1L
1.250 - .1P - .1L
1.375 - .1P - .1L
1.500 - .1P - .1L
1.625 - .1P - .1L
A THREAD
CLASS 2A
5/8 -
24 UNEF
3/4 -
20 UNEF
7/8 -
20 UNEF
1 -
20 UNEF
1 1/8 -
16 UN
1 1/4 -
16 UN
1 3/8 -
16 UN
1 1/2 -
16 UN
D
DIM
.938 (23.8)
1.062 (27.0)
1.188 (30.2)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
E DIA
+.015 +(0.4)
-.000
-(0.0)
.844 (21.4)
.969 (24.6)
1.078 (27.4)
1.219 (31.0)
1.359 (34.5)
1.515 (38.5)
1.640 (41.7)
1.765 (44.8)
DIMENSIONS
C
DIM
1.188 (30.2)
1.312 (33.3)
1.438 (36.5)
1.562 (39.7)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
2.125 (54.0)
SHELL
SIZE
10
12
14
16
18
20
22
24
MOUNTING/HARDWARE INFORMATION
MTG SCREW
REF.
No. 4
No. 4
No. 4
No. 4
No. 4
No. 4
No. 4
No. 6
F
DIA
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.125
(3.2)
.156
(4.0)
REPLACEMENT O-RING
PART NUMBERS *
FLANGE
O-RING
2-021
2-023
2-025
2-027
2-029
2-030
2-031
2-032
PISTON
O-RING
2-014
2-016
2-018
2-020
2-022
2-024
2-026
2-028
SHELL
SIZE
10
12
14
16
18
20
22
24
* Parker o-ring part numbers.
Compound N674-70 or equivalent.
D
Typ
E
Recommended
Panel Cutout
A Thread
B Thread
D
Typ
C
Typ
F
Master
Key
Direction of Pressure
Capability - Class H
Tapped mounting hole - Typical
(not to break through to dry
side of panel).
Master Key
Indicator
.12 (3.1)
Ref.
Flange O-ring
Piston O-ring
.400 (10.2) Ref.
Prior to use, lubricate
O-rings with high grade
silicone lubricant
(Moly-kote M55 or equivalent).
Metric dimensions (mm) are
indicated in parentheses.
Series No.
Shell Style
02 = Standard
12 = Scoop Proof
Class
H = Hermetic
E = Environmental
220-02 H 24-61 P N
Polarization
(N, 1, 2, 3, 4)
P = Pins
S = Sockets (Class
E only)
Insert Arrangement
Shell Size
220-02: 1.19 (30.2) Max
220-12: 1.44 (36.6) Max


Similar Part No. - 220-02H20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
   High-Pressure Environmental/Hermetic
More results

Similar Description - 220-02H20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-003 GLENAIR-257-003 Datasheet
109Kb / 3P
   Connector Receptacle Assembly
257-007 GLENAIR-257-007 Datasheet
104Kb / 3P
   Connector Receptacle Assembly
257-005H2-10SL GLENAIR-257-005H2-10SL Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-012H210SL GLENAIR-257-012H210SL Datasheet
416Kb / 1P
   Connector Receptacle Assembly
257-005 GLENAIR-257-005 Datasheet
62Kb / 1P
   Connector Receptacle Assembly
257-012 GLENAIR-257-012 Datasheet
64Kb / 1P
   Test Connector Receptacle Assembly
220-01E10 GLENAIR-220-01E10 Datasheet
421Kb / 1P
   Connector Receptacle Assembly In-Line
logo
TE Connectivity Ltd
C-2106391 TEC-C-2106391 Datasheet
410Kb / 3P
   CABLE ASSEMBLY, RECEPTACLE, SLIMSEAL SSL CONNECTOR
C-2110551 TEC-C-2110551 Datasheet
2Mb / 3P
   RECEPTACLE ASSEMBLY STRADA MESA MEZZANINE CONNECTOR
logo
CONEC Elektronische Bau...
17-10017 CONEC-17-10017 Datasheet
438Kb / 1P
   Receptacle Assembly Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com