Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ44C251B-10JDM Datasheet(PDF) 7 Page - Austin Semiconductor

Part # SMJ44C251B-10JDM
Description  256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44C251B-10JDM Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button SMJ44C251B-10JDM Datasheet HTML 3Page - Austin Semiconductor SMJ44C251B-10JDM Datasheet HTML 4Page - Austin Semiconductor SMJ44C251B-10JDM Datasheet HTML 5Page - Austin Semiconductor SMJ44C251B-10JDM Datasheet HTML 6Page - Austin Semiconductor SMJ44C251B-10JDM Datasheet HTML 7Page - Austin Semiconductor SMJ44C251B-10JDM Datasheet HTML 8Page - Austin Semiconductor SMJ44C251B-10JDM Datasheet HTML 9Page - Austin Semiconductor SMJ44C251B-10JDM Datasheet HTML 10Page - Austin Semiconductor SMJ44C251B-10JDM Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
VRAM
VRAM
VRAM
VRAM
VRAM
SMJ44C251B
MT42C4256
Austin Semiconductor, Inc.
SMJ44C251B/MT42C4256
Rev. 0.1 12/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
RANDOM-ACCESS-OPERATION FUNCTIONS
CAS\
FALL
CAS\
TRG\
W\
1
DSF
SE\
DSF
RAS\
CAS\
RAS\ CAS\
2
W\
CBR Refresh
L
XXXXX
X
X
XX
Load and use write mask,
Write data to DRAM
HH
L
L
X
L
Row
Addr
Col
Addr
DQ
Mask
Valid
Data
Load and use write mask,
Block write to DRAM
HH
L
L
X
H
Row
Addr
Blk Addr
A2-A8
DQ
Mask
Col
Mask
Persistent write-per-bit,
Write data to DRAM
HH
L
H
X
L
Row
Addr
Col
Addr
X
Valid
Data
Persistent write-per-bit,
Block write to DRAM
HH
L
H
X
H
Row
Addr
Blk Addr
A2-A8
X
Col
Mask
Normal DRAM read/write
(nonmasked)
HHH
L
X
L
Row
Addr
Col
Addr
X
Valid
Data
Block write to DRAM
(nonmasked)
HHH
L
X
H
Row
Addr
Blk Addr
A2-A8
X
Col
Mask
Load write mask
HHHH
X
L
Refresh
Addr
XX
DQ
Mask
Load color register
HHHH
X
H
Refresh
Addr
XX
Color
Data
RAS\ FALL
FUNCTION
ADDRESS
DQ0 - DQ3
NOTES:
1. In persistent write-per-bit function, W must be high during the refresh cycle.
2. DQ0–DQ3 are latched on the later of W or CAS falling edge. Col Mask = H: Write to address/column location enabled.
DQ Mask = H: Write to I/O enabled
LEGEND:
H = High
L = Low
X = Don’t care
RANDOM-ACCESS OPERATION
The random-access operation functions are summarized in
the “Random-Access-Operation Function” table and described
in the following sections.
ENHANCED PAGE-MODE
Enhanced page-mode operation allows faster memory
access by keeping the same row address while selecting
random column addresses. This mode eliminates the time
required for row address setup-and-hold and address
multiplex. The maximum RAS\ low time and the CAS\ page cycle
time used determine the number of columns that can be
accessed.
Unlike conventional page-mode operation, the enhanced
page mode allows the SMJ44C251B/MT42C4256 to operate at a
higher data bandwidth. Data retrieval begins as soon as the
column address is valid rather than when CAS\ transitions low.
A valid column address can be presented immediately after
row-address hold time has been satisfied, usually well in ad-
vance of the falling edge of CAS\. In this case, data can be
obtained after t
a(C)
max (access time from CAS low), if t
a(CA)
max
(access time from column address) has been satisfied.
REFRESH
There are three types of refresh available on the
SMJ44C251B/MT42C4256: RAS\-only refresh, CBR refresh, and
hidden refresh.
RAS\-ONLY REFRESH
A refresh operation must be performed to each row at least
once every 8 ms to retain data. Unless CAS\ is applied, the
output buffers are in the high-impedance state, so the RAS\-
only refresh sequence avoids any output during refresh. Exter-
nally generated addresses must be supplied during RAS-only
refresh. Strobing each of the 512 row addresses with RAS causes
(continued)


Similar Part No. - SMJ44C251B-10JDM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
More results

Similar Description - SMJ44C251B-10JDM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
   256K x 4 DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
   256K x 4-bit CMOS DRAM
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
logo
ATMEL Corporation
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com