Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ44C251B12JDM Datasheet(PDF) 11 Page - Austin Semiconductor

Part # SMJ44C251B12JDM
Description  256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44C251B12JDM Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button SMJ44C251B12JDM Datasheet HTML 7Page - Austin Semiconductor SMJ44C251B12JDM Datasheet HTML 8Page - Austin Semiconductor SMJ44C251B12JDM Datasheet HTML 9Page - Austin Semiconductor SMJ44C251B12JDM Datasheet HTML 10Page - Austin Semiconductor SMJ44C251B12JDM Datasheet HTML 11Page - Austin Semiconductor SMJ44C251B12JDM Datasheet HTML 12Page - Austin Semiconductor SMJ44C251B12JDM Datasheet HTML 13Page - Austin Semiconductor SMJ44C251B12JDM Datasheet HTML 14Page - Austin Semiconductor SMJ44C251B12JDM Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
VRAM
VRAM
VRAM
VRAM
VRAM
SMJ44C251B
MT42C4256
Austin Semiconductor, Inc.
SMJ44C251B/MT42C4256
Rev. 0.1 12/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
TRANSFER OPERATION
Transfer operations between the memory arrays (DRAM)
and the data registers (SAM) are invoked by bringing TRG\ low
before RAS\ falls. The states of W\, SE\, and DSF, which are
also latched on the falling edge of RAS\, determine which transfer
operation is invoked. Figure 5 shows an overview of data flow
between the random and the serial interfaces.
As shown in the “Transfer-Operation Functions” table,
the SMJ44C251B/MT42C4256 supports five basic modes of
transfer operation:
Register-to-memory transfer (normal write transfer,
SAM to DRAM)
Alternate-write transfer (independent of the state of
SE\)
FIGURE 5: BLOCK DIAGRAM SHOWING ONE RANDOM AND ONE
SERIAL-I/O INTERFACE
Memory-to-register transfer (pseudo-transfer write).
Switches serial port from serial-out mode to serial-in
mode. No actual data transfer takes place between the
DRAM and the SAM.
Memory-to-register transfer (normal-read transfer,
transfer entire contents of DRAM row to SAM)
Split-register-read transfer (divides the SAM into a low
and a high half. Only one half is transferred to the
SAM while the other half is read from the serial I/O port.)


Similar Part No. - SMJ44C251B12JDM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
More results

Similar Description - SMJ44C251B12JDM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
   256K x 4 DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
   256K x 4-bit CMOS DRAM
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
logo
ATMEL Corporation
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com