Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ44C251B12HJM Datasheet(PDF) 5 Page - Austin Semiconductor

Part # SMJ44C251B12HJM
Description  256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44C251B12HJM Datasheet(HTML) 5 Page - Austin Semiconductor

  SMJ44C251B12HJM Datasheet HTML 1Page - Austin Semiconductor SMJ44C251B12HJM Datasheet HTML 2Page - Austin Semiconductor SMJ44C251B12HJM Datasheet HTML 3Page - Austin Semiconductor SMJ44C251B12HJM Datasheet HTML 4Page - Austin Semiconductor SMJ44C251B12HJM Datasheet HTML 5Page - Austin Semiconductor SMJ44C251B12HJM Datasheet HTML 6Page - Austin Semiconductor SMJ44C251B12HJM Datasheet HTML 7Page - Austin Semiconductor SMJ44C251B12HJM Datasheet HTML 8Page - Austin Semiconductor SMJ44C251B12HJM Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
VRAM
VRAM
VRAM
VRAM
VRAM
SMJ44C251B
MT42C4256
Austin Semiconductor, Inc.
SMJ44C251B/MT42C4256
Rev. 0.1 12/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
DETAILED SIGNAL DESCRIPTION VS. OPERATIONAL MODE
PIN
DRAM
TRANSFER
SAM
A0 - A8
Row, column address
Row, tap address
CAS\
Column enable, output enable
Tap-address strobe
DQi
DRAM data I/O, write mask bits
DSF
Block-write enable
Persistent write-per-bit enable
Color-register load enable
Split-register enable
Alternative write-transfer enable
RAS\
Row enable
Row enable
SE\
Serial-in mode enable
Serial enable
SC
Serial clock
SDQ
Serial-data I/O
TRG\
Q output enable
Transfer enable
W\
Write enable, write-per-bit select
Transfer-write enable
QSF
Split register
Active status
NC/GND
Make no external connection or tie
to system Vss
Vcc
5V supply (typical)
Vss
Device ground
OPERATION
Depending on the type of operation chosen, the signals of
the SMJ44C251B/MT42C4256 perform different functions. The
“Detailed Signal Description vs. Operational Mode” table
summarizes the signal descriptions and the operational modes
they control.
The SMJ44C251B/MT42C4256 has three kinds of
operations: random-access operations typical of a DRAM,
transfer operations from memory arrays to the SAM, and serial-
access operations through the SAM port. The signals used to
control these operations are described here, followed by
discussions of the operations themselves.
ADDRESS (A0–A8)
For DRAM operation, 18 address bits are required to
decode one of the 262144 storage cell locations. Nine row-
address bits are set up on A0–A8 and latched onto the chip on
the falling edge of RAS\. Nine column-address bits are set up
on A0–A8 and latched onto the chip on the falling edge of
CAS\. All addresses must be stable on or before the falling
edges of RAS\ and CAS\.
During the transfer operation, the states of A0–A8 are
latched on the falling edge of RAS\ to select one of the 512
rows where the transfer occurs. To select one of 512 tap points
(starting positions) for the serial-data input or output, the
appropriate 9-bit column address (A0–A8) must be valid when
CAS\ falls.
ROW-ADDRESS STROBE (RAS\)
RAS\ is similar to a chip enable because all DRAM cycles
and transfer cycles are initiated by the falling edge of RAS\.
RAS\ is a control input that latches the states of row address,
W\, TRG\, SE\, CAS\, and DSF onto the chip to invoke DRAM
and transfer functions.
COLUMN-ADDRESS STROBE (CAS\)
CAS\ is a control input that latches the states of column
address and DSF to control DRAM and transfer functions.
When CAS\ is brought low during a transfer cycle, it latches
the new tap point for the serial-data input or output. CAS\ also
acts as an output enable for the DRAM outputs DQ0–DQ3.
OUTPUT ENABLE/TRANSFER SELECT (TRG\)
TRG\ selects either DRAM or transfer operation as RAS\
falls. For DRAM operation, TRG\ must be held high as RAS\
falls. During DRAM operation, TRG\ functions as an output
enable for the DRAM outputs DQ0–DQ3. For transfer
operation, TRG\ must be brought low before RAS\ falls.
WRITE-MASK SELECT, WRITE ENABLE (W\)
In DRAM operation, W\ enables data to be written to the
DRAM. W\ is also used to select the DRAM write-per-bit mode.
Holding W\ low on the falling edge of RAS\ invokes the write-
per-bit operation. The SMJ44C251B/MT42C4256 supports both
the normal write-per-bit mode and the persistent write-per-bit
mode.
CONTINUED


Similar Part No. - SMJ44C251B12HJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
More results

Similar Description - SMJ44C251B12HJM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
   256K x 4 DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
   256K x 4-bit CMOS DRAM
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
logo
ATMEL Corporation
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com