Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8560EC-103 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 8560EC-103
Description  Spectrum Analyzers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8560EC-103 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 8560EC-103 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8560EC-103 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8560EC-103 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8560EC-103 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8560EC-103 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8560EC-103 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 8560EC-103 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 8560EC-103 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 8560EC-103 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Amplitude Specifications, continued
Delayed sweep
Trigger modes
Free run, line, external, video
Range
Sweep time < 30 ms
–9.9 ms to +65.535 ms
Sweep time ≥ 30 ms
+2 µs to +65.535 ms
Resolution
1 µs
Accuracy
±1 µs
Demodulation
Spectrum demodulation
Modulation type
AM and FM
Audio output
Speaker and phone jack with volume control
Marker pause time
100 ms to 60 s (nominal)
Inputs/Outputs, Agilent 8560 EC Series
(All values are nominal)
Front panel connectors
RF input
Agilent 8560EC, 8561EC, 8562EC, 8563EC
Type N female, 50 Ω
(Option 856xEC-026, Agilent 8563EC only)
APC 3.5 mm male, 50 Ω
Agilent 8564EC, 8565EC
APC 2.4 mm male, 50 Ω
VSWR (≥ 10 dB atten)
30 Hz to 2.9 GHz
< 1.5:1 dB
2.9 GHz to 50 GHz
< 2.3:1 dB
LO emission level
(average with 10 dB atten)
≤ –80 dBm
IF input
SMA female, 50 Ω
Frequency
310.7 MHz
Full screen level
–30 dBm
Gain compression
–23 dB
First LO output
SMA female, 50 Ω
Frequency
3.000 - 6.8107 GHz
Amplitude
+16.5 dBm ±2.0 dB
Cal output
BNC female, 50 Ω
Probe power
+15 Vdc, –12.6 Vdc, and Gnd (150 mA max each)
Rear panel connectors
Earphone
Sub-miniature mono jack, 0.2 W into 4 Ω
10 MHz REF in/out
Shared BNC female, 50 Ω
Output freq accuracy
±(10 MHz x freq ref accuracy)
Output amplitude
0 dBm
Input amplitude
–2 to +10 dBm
Video output
BNC, 50 Ω
Amplitude (RBW ≥ 300 Hz)
0 to +1 V full scale
LO sweep frequency analog voltage output
(LO sweep or V/GHz function selectable from the
front panel, BNC female, 120 Ω)
LO sweep output
0 to 10 V (no load)
Frequency analog voltage output (internal mixer mode)
Output ramp voltage proportional to start and stop frequencies.
Transfer function:
0.5 V/GHz.
0.5 V/GHz output (external mixer mode)
Output ramp voltage proportional to LO frequency: (LO = 3 to 6.8107 GHz).
Transfer function: (1.5 V/GHz x LO frequency (GHz) –0.2054) ±50 mV (typ).
8


Similar Part No. - 8560EC-103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8560 ETC2-8560 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
PHOENIX CONTACT
8560 PHOENIX-8560 Datasheet
324Kb / 23P
   AXL E S3 DI8 DO8 M12 6P
logo
3M Electronics
8560 3M-8560 Datasheet
330Kb / 2P
   3M??Polyurethane Protective Tape 8560
8560-4500JL 3M-8560-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
logo
Littelfuse
8560000100 LITTELFUSE-8560000100 Datasheet
93Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
More results

Similar Description - 8560EC-103

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Agilent(Hewlett-Packard...
E4443A HP-E4443A Datasheet
255Kb / 25P
   Agilent PSA Series Spectrum Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
   EMC Analyzers
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
N9926A KEYSIGHT-N9926A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com