Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMX55161A-80GBI Datasheet(PDF) 11 Page - Austin Semiconductor

Part # SMX55161A-80GBI
Description  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMX55161A-80GBI Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button SMX55161A-80GBI Datasheet HTML 7Page - Austin Semiconductor SMX55161A-80GBI Datasheet HTML 8Page - Austin Semiconductor SMX55161A-80GBI Datasheet HTML 9Page - Austin Semiconductor SMX55161A-80GBI Datasheet HTML 10Page - Austin Semiconductor SMX55161A-80GBI Datasheet HTML 11Page - Austin Semiconductor SMX55161A-80GBI Datasheet HTML 12Page - Austin Semiconductor SMX55161A-80GBI Datasheet HTML 13Page - Austin Semiconductor SMX55161A-80GBI Datasheet HTML 14Page - Austin Semiconductor SMX55161A-80GBI Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
11
SMJ55161A
Rev. 1.6
03/05
FIGURE 4: Example of a Byte-Read Cycle
byte operation
Byte operation can be applied in DRAM-read cycles, write
cycles, block-write cycles, load-write-mask-register cycles, and
load-color-register cycles. In byte operation, the column
address (A0–A8) is latched at the first falling edge of CASx\. In
read cycles, CASL\ enables the lower byte (DQ0–DQ7) and
CASU\ enables the upper byte (DQ8–DQ15) (see Figure 4).
In byte-write operation, CASL enables data to be written
to the lower byte (DQ0–DQ7), and CASU\ enables data to be
written to the upper byte (DQ8–DQ15). In an early write cycle,
WE is brought low prior to both CASx\ signals, and data setup
and hold times for DQ0 –DQ15 are referenced to the first falling
edge of CASx\ (see Figure 5).
For late-write or read-modify-write cycles, WE\ is brought
low after either or both CASL\ and CASU\ fall. The data is
strobed in with data setup and hold times for DQ0 –DQ15
referenced to WE\ (see Figure 6).


Similar Part No. - SMX55161A-80GBI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMX5000XLRT3U TRIPPLITE-SMX5000XLRT3U Datasheet
508Kb / 5P
   SmartPro 230V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMX500RT1U TRIPPLITE-SMX500RT1U_15 Datasheet
490Kb / 5P
   SmartPro 230V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
More results

Similar Description - SMX55161A-80GBI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com