Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM55161A Datasheet(PDF) 20 Page - Austin Semiconductor

Part # SM55161A
Description  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SM55161A Datasheet(HTML) 20 Page - Austin Semiconductor

Back Button SM55161A Datasheet HTML 16Page - Austin Semiconductor SM55161A Datasheet HTML 17Page - Austin Semiconductor SM55161A Datasheet HTML 18Page - Austin Semiconductor SM55161A Datasheet HTML 19Page - Austin Semiconductor SM55161A Datasheet HTML 20Page - Austin Semiconductor SM55161A Datasheet HTML 21Page - Austin Semiconductor SM55161A Datasheet HTML 22Page - Austin Semiconductor SM55161A Datasheet HTML 23Page - Austin Semiconductor SM55161A Datasheet HTML 24Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
20
SMJ55161A
Rev. 1.6
03/05
split-register-transfer read
The SMJ55161A features two types of bidirectional data
transfer capability between DRAM and SAM.
1) Conventional (non split) transfer: 512 words by 16 bits of
data can be loaded from DRAM to SAM (Read transfer), or
from SAM to DRAM (write transfer).
2) Split transfer: 256 words by 16 bits of data can be loaded from
the lower/upper half of the DRAM to the lower/uppper half of
the SAM (Split read transfer), or from the lower/upper half to
SAM to the lower/upper half of DRAM (Split write transfer).
The conventional transfer and split transfer modes are
controlled by the DSF input signal. Data transfer is invoked by
holding the TRG\ signal “low” at the falling edge of RAS\.
The SMJ55161A supports 4 types of transfer operations:
Read transfer, Split read transfer, Write transfer and Split write
transfer as shown in the truth table. The type of transfer
operation is determined by the state of CAS\, WE\, and DSF
latched at the falling edge of RAS\. During conventional
transfer operations, the SAM port is switched from input to
output mode (Read transfer), or output to input mode (Write
transfer). It remains unchanged during split transfer operation
(Split read transfer or Split write transfer).
Both DRAM and SAM are divided by the most significant
row address (AX8), as shown in Figure 16. Therefore, no data
transfer between AX8=0 side DRAM and AX8=1 side DRAM
can be provided through the SAM. Care must be taken if the
split read transfer on AX8=1 side (or AX8=0 side) is provided
after the read transfer or the split read transfer, is provided on
AX8=0 side (or AX8=1 side).
QSF indicates which half of the register is being accessed
during serial-access operation. When QSF is low, the serial-
address pointer is accessing the lower (least significant) 256
bits of the SAM. When QSF is high, the pointer is accessing
the higher (most significant) 256 bits of the SAM. QSF changes
state upon completing a full-register-transfer-read cycle. The
tap point loaded during the current transfer cycle determines
the state of QSF. QSF also changes state when a boundary
between two register halves is reached.
FIGURE 16: DRAM and SAM Configuration


Similar Part No. - SM55161A

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5516 SILICONMITUS-SM5516 Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
SM5516W SILICONMITUS-SM5516W Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
More results

Similar Description - SM55161A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com