Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM55161A Datasheet(PDF) 54 Page - Austin Semiconductor

Part # SM55161A
Description  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SM55161A Datasheet(HTML) 54 Page - Austin Semiconductor

Back Button SM55161A Datasheet HTML 50Page - Austin Semiconductor SM55161A Datasheet HTML 51Page - Austin Semiconductor SM55161A Datasheet HTML 52Page - Austin Semiconductor SM55161A Datasheet HTML 53Page - Austin Semiconductor SM55161A Datasheet HTML 54Page - Austin Semiconductor SM55161A Datasheet HTML 55Page - Austin Semiconductor SM55161A Datasheet HTML 56Page - Austin Semiconductor SM55161A Datasheet HTML 57Page - Austin Semiconductor SM55161A Datasheet HTML 58Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
54
SMJ55161A
Rev. 1.6
03/05
FIGURE 44: FULL-REGISTER TRANSFER READ-TIMING, REAL-TIME
LOAD OPERATION/LATE-LOAD OPERATION
NOTES:
A. DQ outputs remain in the high-impedance state for the entire memory-to-data-register transfer cycle. The memory-to-data-register
transfer cycle is used to load the data registers in parallel from the memory array. The 512 locations in each data register are written
to from the 512 corresponding columns of the selected row.
B. Once data is transferred into the data registers, the SAM is in the serial-read mode, that is, the SQ is enabled, allowing data to be
shifted out of the registers. Also, the first bit to read from the data register after TRG\ has gone high must be activated by a positive
transition of SC.
C. A0–A8.
D. Late load operation is defined as t
d(THRH)
< 0 ns.


Similar Part No. - SM55161A

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5516 SILICONMITUS-SM5516 Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
SM5516W SILICONMITUS-SM5516W Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
More results

Similar Description - SM55161A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com