Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM55161A Datasheet(PDF) 49 Page - Austin Semiconductor

Part # SM55161A
Description  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SM55161A Datasheet(HTML) 49 Page - Austin Semiconductor

Back Button SM55161A Datasheet HTML 45Page - Austin Semiconductor SM55161A Datasheet HTML 46Page - Austin Semiconductor SM55161A Datasheet HTML 47Page - Austin Semiconductor SM55161A Datasheet HTML 48Page - Austin Semiconductor SM55161A Datasheet HTML 49Page - Austin Semiconductor SM55161A Datasheet HTML 50Page - Austin Semiconductor SM55161A Datasheet HTML 51Page - Austin Semiconductor SM55161A Datasheet HTML 52Page - Austin Semiconductor SM55161A Datasheet HTML 53Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
49
SMJ55161A
Rev. 1.6
03/05
COLUMN MASK DATA
TABLE 14: ENHANCED-PAGE-MODE BLOCK-WRITE-CYCLE STATE TABLE
Write-mask data 0: I/O write disable
1: I/O write enable DQ
Column-mask data DQi – DQi + 7 0: column-write disable
(i = 0,8) 1: column-write enable
12
3
Block-write operation (nonmasked)
H
Don't Care
Valid Data
Block-write operation with nonpersistent write-per-bit
L
Write Mask
Valid Data
Block-write operation with persistent write-per-bit
L
Don't Care
Valid Data
CYCLE
STATE
DQ0-15
COLUMN MASK DATA
DQ0
Column 0 (A0 = 0, A1 = 0, A2 = 0)
DQ1
Column 1 (A0 = 1, A1 = 0, A2 = 0)
DQ2
Column 2 (A0 = 0, A1 = 1, A2 = 0)
DQ3
Column 3 (A0 = 1, A1 = 1, A2 = 0)
DQ4
Column 4 (A0 = 0, A1 = 0, A2 = 1)
DQ5
Column 5 (A0 = 1, A1 = 0, A2 = 1)
DQ6
Column 6 (A0 = 0, A1 = 1, A2 = 1)
DQ7
Column 7 (A0 = 1, A1 = 1, A2 = 1)
DQ8
Column 0 (A0 = 0, A1 = 0, A2 = 0)
DQ9
Column 1 (A0 = 1, A1 = 0, A2 = 0)
DQ10
Column 2 (A0 = 0, A1 = 1, A2 = 0)
DQ11
Column 3 (A0 = 1, A1 = 1, A2 = 0)
DQ12
Column 4 (A0 = 0, A1 = 0, A2 = 1)
DQ13
Column 5 (A0 = 1, A1 = 0, A2 = 1)
DQ14
Column 6 (A0 = 0, A1 = 1, A2 = 1)
DQ15
Column 7 (A0 = 1, A1 = 1, A2 = 1)
Lower Byte
Upper Byte
Low: Mask
High: No Mask
Low: Mask
High: No Mask


Similar Part No. - SM55161A

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5516 SILICONMITUS-SM5516 Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
SM5516W SILICONMITUS-SM5516W Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
More results

Similar Description - SM55161A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com