Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FO1004S-T7-0 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # FO1004S-T7-0
Description  Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FO1004S-T7-0 Datasheet(HTML) 1 Page - Glenair, Inc.

  FO1004S-T7-0 Datasheet HTML 1Page - Glenair, Inc. FO1004S-T7-0 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-42
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
Glenair ASAP Fiber Optic Cable Sets
Inside-the-Box Receptacle/Pigtail Assembly
with FiberCon® Backshell
D38999 Series III to ST, FC, SC, LC & SMA
Because Sometimes Strain-Relief and Exact Fiber
Alignment are a Requirement—Even Inside the Box
The Glenair FiberCon® Backshell Assembly
Glenair can supply receptacle/pigtail assemblies with a FiberCon® Backshell that protects
fiber terminations and insures exact alignment of the fiber optic termini. The grommeted
backshell design prevents micro-bending of the fibers while providing optimum strain relief to the
overall cable. The unique design is available only from Glenair and is available as a component
part of this ASAP cable assembly. The turnkey assembly includes fiber optic wiring, Glenair
Backshell, MIL-DTL-38999 Style Connector, MIL-PRF-29504 Termini, Mil-Spec Dust-Caps and
customer specified marking and labeling.
Termini Retraction and Its Effect On Micro-Bending
FiberCon Backshell Cavity
Retraction During Mating
Radius Should Not Exceed The
Fiber Minimum Bend Radius
PRODUCT FEATURES
Jam-Nut and Wall Mount D38999 Series III Style
Fiber Optic Receptacle Connectors in Aluminum,
Composite or Stainless Steel
ST, FC, SC, LC and SMA to D38999 Series III
Configurations
Grommet Sealing and Micro-Alignment Backshells
in Aluminum, Composite and Stainless Steel
Singlemode and Multimode Fiber Media
Military Standard Dust Caps
MIL-PRF-29504 Approved Termini
Multichannel Capability: From 2 to 37 Channels
Custom Lengths Available


Similar Part No. - FO1004S-T7-0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P06 GLENAIR-FO1000P05P06 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P08 GLENAIR-FO1000P05P08 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PH7 GLENAIR-FO1000P05PH7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PS7 GLENAIR-FO1000P05PS7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
More results

Similar Description - FO1004S-T7-0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FO1005P-06-0 GLENAIR-FO1005P-06-0 Datasheet
326Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1003P05-0 GLENAIR-FO1003P05-0 Datasheet
365Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1002P05P05 GLENAIR-FO1002P05P05 Datasheet
312Kb / 2P
   Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
FO1001P05P05 GLENAIR-FO1001P05P05 Datasheet
305Kb / 2P
   Fiber Optic Cable Sets Plastic and Metal-Core Conduit Assembly
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FA02454 GLENAIR-FA02454 Datasheet
100Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03286 GLENAIR-FA03286 Datasheet
98Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03216 GLENAIR-FA03216 Datasheet
103Kb / 1P
   Fiber Optic LC Test Cable Assembly
logo
Molex Electronics Ltd.
88526-2602 MOLEX11-88526-2602 Datasheet
31Kb / 1P
   ST-to-Pigtail, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 3.0m
88526-2603 MOLEX11-88526-2603 Datasheet
31Kb / 1P
   ST-to-Pigtail, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 5.0m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com