Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT5C2564 Datasheet(PDF) 4 Page - Austin Semiconductor

Part No. MT5C2564
Description  64K x 4 SRAM SRAM MEMORY ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

MT5C2564 Datasheet(HTML) 4 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2564
MT5C2564
Rev. 3.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(Note 5) (-55oC < T
C < 125
oC; V
CC = 5V +10%)
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX UNITS NOTES
READ CYCLE
READ cycle time
tRC
15
20
25
35
45
ns
Address access time
tAA
15
20
25
35
45
ns
Chip Enable access time
tACE
15
20
25
35
45
ns
Output hold from address change
tOH
33333
ns
Chip Enable to output in Low-Z
tLZCE
33333
ns
7
Chip disable to output in High-Z
tHZCE
8
10102020
ns
6, 7
Chip Enable to power-up time
tPU
00000
ns
4
Chip disable to power-down time
tPD
15
20
25
35
45
ns
4
WRITE CYCLE
WRITE cycle time
tWC
15
20
25
35
45
ns
Chip Enable to end of write
tCW
12
15
18
30
40
ns
Address valid to end of write
tAW
12
15
18
30
40
ns
Address setup time
tAS
00000
ns
Address hold from end of write
tAH
22255
ns
WRITE pulse width
tWP
12
15
17
30
40
ns
Data setup time
tDS
7
10122020
ns
Data hold time
tDH
00000
ns
Write disable to output in Low-Z
tLZWE
00000
ns
7
Write Enable to output in High-Z
tHZWE
0
7
0
10
0
11
0
20
0
20
ns
6, 7
-35
-45
DESCRIPTION
-20
SYMBOL
-25
-15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn