Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT5C2564 Datasheet(PDF) 11 Page - Austin Semiconductor

Part No. MT5C2564
Description  64K x 4 SRAM SRAM MEMORY ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

MT5C2564 Datasheet(HTML) 11 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2564
MT5C2564
Rev. 3.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
** OPTIONS
L = 2V Data Retention/Low Power
ORDERING INFORMATION
EXAMPLE: MT5C2564EC-45/XT
Device
Number
Package
Type
Speed
ns
Options** Process
Device
Number
Package
Type
Speed
ns
Options** Process
MT5C2564
C
-15
L
/*
MT5C2564
EC
-15
L
/*
MT5C2564
C
-20
L
/*
MT5C2564
EC
-20
L
/*
MT5C2564
C
-25
L
/*
MT5C2564
EC
-25
L
/*
MT5C2564
C
-35
L
/*
MT5C2564
EC
-35
L
/*
MT5C2564
C
-40
L
/*
MT5C2564
EC
-40
L
/*
MT5C2564
C
-55
L
/*
MT5C2564
EC
-55
L
/*
MT5C2564
C
-70
L
/*
MT5C2564
EC
-70
L
/*
Device
Number
Package
Type
Speed
ns
Options** Process
MT5C2564
F
-15
L
/*
MT5C2564
F
-20
L
/*
MT5C2564
F
-25
L
/*
MT5C2564
F
-35
L
/*
MT5C2564
F
-40
L
/*
MT5C2564
F
-55
L
/*
MT5C2564
F
-70
L
/*
EXAMPLE: MT5C2564C-20L/IT
EXAMPLE: MT5C2564F-35/883C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn