Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT5C2564 Datasheet(PDF) 10 Page - Austin Semiconductor

Part No. MT5C2564
Description  64K x 4 SRAM SRAM MEMORY ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

MT5C2564 Datasheet(HTML) 10 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2564
MT5C2564
Rev. 3.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
Austin Semiconductor, Inc.
* All measurements are in inches.
MECHANICAL DEFINITIONS*
ASI Case (Package Designator F)
SMD 5962-88681 & 5962-88545, Case Outline Y
L
c
E2
A
Q
E3
E
NOTE: These dimensions are per the SMD. ASI's package dimensional limits may
differ, but they will be within the SMD limits.
D
e
b
Top View
S
MIN
MAX
A0.090
0.130
b
0.015
0.022
c
0.004
0.009
D
---
0.740
E
0.380
0.420
E2
0.180
---
E3
0.030
---
e
L
0.250
0.370
Q
0.026
0.045
S
0.000
---
SMD SPECIFICATIONS
SYMBOL
0.050 BSC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn