Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS111R Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS111R
Description  Voltage Comparator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111R Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS111R Datasheet HTML 5Page - Austin Semiconductor AS111R Datasheet HTML 6Page - Austin Semiconductor AS111R Datasheet HTML 7Page - Austin Semiconductor AS111R Datasheet HTML 8Page - Austin Semiconductor AS111R Datasheet HTML 9Page - Austin Semiconductor AS111R Datasheet HTML 10Page - Austin Semiconductor AS111R Datasheet HTML 11Page - Austin Semiconductor AS111R Datasheet HTML 12Page - Austin Semiconductor AS111R Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
9
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
Schematic Diagram20
CIRCUIT TECHNIQUES FOR AVOIDING
OSCILLATIONS IN COMPARATOR
APPLICATIONS
When a high-speed comparator such as the AS111 is used
with fast input signals and low source impedances, the output
response will normally be fast and stable, assuming that the
power supplies have been bypassed (with 0.1 µF disc capaci-
tors), and that the output signal is routed well away from the
inputs (pins 2 and 3) and also away from pins 5 and 6.
However, when the input signal is a voltage ramp or a slow
sine wave, or if the signal source impedance is high (1 kW to
100 kW), the comparator may burst into oscillation near the
crossing-point. This is due to the high gain and wide
bandwidth of comparators like the AS111. To avoid oscillation
or instability in such a usage, several precautions are recom-
mended, as shown in Figure 1 below.
1. The trim pins (pins 5 and 6) act as unwanted auxiliary
inputs. If these pins are not connected to a trim-pot, they
should be shorted together. If they are connected to a trim-
pot, a 0.01 µF capacitor C1 between pins 5 and 6 will
minimize the susceptibility to AC coupling. A smaller
capacitor is used if pin 5 is used for positive feedback as in
Figure 1.
2. Certain sources will produce a cleaner comparator
out put waveform if a 100 pF to 1000 pF capacitor C2 is
connected directly across the input pins.
3. When the signal source is applied through a resistive
network, R
S
, it is usually advantageous to choose an R
S
’ of
substantially the same value, both for DC and for dynamic
(AC) considerations. Carbon, tin-oxide, and metal-film
resistors have all been used successfully in comparator
input circuitry. Inductive wirewound resistors are not
suitable.
(continued)
NOTE 20: Pin connections shown on schematic diagram are for the TO08 can package.


Similar Part No. - AS111R

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
1,004Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS111R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com