Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS111R Datasheet(PDF) 6 Page - Austin Semiconductor

Part No. AS111R
Description  Voltage Comparator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS111R Datasheet(HTML) 6 Page - Austin Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
Electrical Characteristics
DC PARAMETERS: (SEE NOTE 8)
(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +15V, Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Iib-
Input Bias
Current
Vin = 0V, Rs = 50K Ohms
-100
0.1
nA
1, 2
-150
0.1
nA
3
+Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V,
Vcm = -14.5V, Rs = 50K Ohms
-150
0.1
nA
1, 2
-200
0.1
nA
3
+Vcc = 2V, -Vcc = -28V, Vin = 0V,
Vcm = +13V, Rs = 50K Ohms
-150
0.1
nA
1, 2
-200
0.1
nA
3
Vo(STB)
Collector Output
Voltage (ST)
Vin+ = Gnd, Vin- = 15V, Istb = -3mA,
Rs = 50 Ohms
1
14
V
1, 2,
3
CMR
Common Mode
Rejection
-28V<-Vcc<-0.5V, Rs=50 Ohms,
2V<+Vcc<29.5V, Rs=50 Ohms,
-14.5V<Vcm<13V,Rs=50 Ohms
80
dB
1, 2,
3
Vol
Low Level Output
Voltage
+Vcc = 4.5V, -Vcc = Gnd, Iout = 8mA,
+Vin = 0.5V, Vid = -6mV
0.4
V
1, 2,
3
+Vcc = 4.5V, -Vcc = Gnd, Iout = 8mA,
+Vin = 3V, Vid = -6mV
0.4
V
1, 2,
3
Iout = 50mA, +Vin = 13V, Vid = -5mV
1.5
V
1, 2,
3
Iout = 50mA, +Vin = -14V, Vid = -5mV
1.5
V
1, 2,
3
Icex
Output Leakage
Current
+Vcc = 18V, -Vcc = -18V, Vout = 32V
-1
10
nA
1
-1
500
nA
2
Ii
Input Leakage
Current
+Vcc = 18V, -Vcc = -18V,
+Vin = +12V, -Vin = -17V
7
-5
500
nA
1, 2,
3
+Vcc = 18V, -Vcc = -18V,
+Vin = -17V, -Vin = +12V
7
-5
500
nA
1, 2,
3
Icc+
Power Supply
Current
6
mA
1, 2
7mA
3
Icc-
Power Supply
Current
-5
mA
1, 2
-6
mA
3
Delta
Vio/Delta
T
Temperature
Coefficient Input
Offset Voltage
25 C < T < 125 C
-25
25
uV/C
2
-55 C < T < 25 C
-25
25
uV/C
3
Delta
Iio/Delta
T
Temperature
Coefficient Input
Offset Current
25 C < T < 125 C
-100
100
pA/C
2
-55 C < T < 25 C
-200
200
pA/C
3
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn