Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS41070A Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITS41070A
Description  Rear Panel Mount Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS41070A Datasheet(HTML) 2 Page - Glenair, Inc.

  ITS41070A Datasheet HTML 1Page - Glenair, Inc. ITS41070A Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A-93
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
ØA
K
L
L1
S
T
+0
She ll Size
-0.1
F T hre a d
V T hre a d
10 SL
18.2
2.4
5.2 0.6250 - 24UNEF
4.0
24.5
36.2
27
31.8
11.2 0.8750 - 20UNEF
14 S
24.5
2.4
7.5 0.7500 - 20UNEF
4.8
26.8
38.9
33
41.3
14.6 1.1250 - 18UNEF
16 S
27.2
2.4
7.5 0.8750 - 20UNEF
4.8
26.8
38.9
38
44.4
15.7 1.2500 - 18UNEF
16
27.2
2.4
7.5 0.8750 - 20UNEF
4.8
32.2
48.5
38
44.4
15.7 1.2500 - 18UNEF
18
30.7
2.4
9.0 1.0000 - 20UNEF
4.8
33.7
49.3
40
47.6
16.8 1.3750 - 18 UNEF
20
34.0
2.4
9.0 1.1250 - 18UNEF
4.8
33.7
49.3
44
50.8
18.0 1.5000 - 18UNEF
22
37.3
2.4
9.1 1.2500 - 18UNEF
4.8
33.7
49.3
46
54.2
20.2 1.6250 - 18UNEF
24
40.9
2.4
9.1 1.3750 - 18 UNEF
4.8
33.7
49.3
51
57.2
20.2 1.7500 - 18UNS
28
46.7
2.4
8.5 1.6250 - 18UNEF
5.6
35.2
51.9
55
63.5
22.5 2.0000 - 18UNS
32
53.4
2.4
6.5 1.8750 - 16UN
5.6
35.2
51.9
62
69.8
24.7 2.2500 - 16UN
36
59.6
2.4
8.3 2.0625 - 16UNS
5.6
35.2
51.9
71
76.2
26.9 2.5000 - 16UN
40
65.5
2.4
8.3 2.3125 - 16UNS
5.6
35.2
51.9
75
83.5
29.6 2.7500 - 16UN
R ke y +0.2
±0.25
ØB
Ma x.
±0.2 ±0.1
Min.
TABLE I: DIMENSIONS
ITS 31070 A (NO) and ITS 41070 A (NO)
Rear Panel Mount Jam Nut Receptacle
with Connector Accessory Mounting Threads
CONTACT OPTIONS
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Omit for Standard Version (Silver Plated)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating
Omit for Standard Version
(Cad/Olive Drab Finish)
TABLE II: MODIFICATION CODES
Sym Description
B0
Connector Less Contacts
B1
Connector with Gold Plated Contacts
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F7
Black Zn-Co Plating
F8
Olive Drab Zn-Co Plating


Similar Part No. - ITS41070A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS41078A GLENAIR-ITS41078A Datasheet
1Mb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS41078R GLENAIR-ITS41078R Datasheet
1Mb / 2P
   Rear Panel Mount Jam Nut Receptacle
More results

Similar Description - ITS41070A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS31078A GLENAIR-ITS31078A Datasheet
1Mb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITSG3107AFK GLENAIR-ITSG3107AFK Datasheet
863Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-31070-A GLENAIR-ITS-31070-A Datasheet
1Mb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-3107-A GLENAIR-ITS-3107-A Datasheet
171Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-31078-A GLENAIR-ITS-31078-A Datasheet
272Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
ITS-31070-A-N0 GLENAIR-ITS-31070-A-N0 Datasheet
204Kb / 2P
   Rear Panel Mount Jam Nut Receptacle
IPT07GSE18-11SZ GLENAIR-IPT07GSE18-11SZ Datasheet
223Kb / 2P
   Rear Panel Mount Jam Nut Receptacle Connector
IPT07MSE18-11SZ GLENAIR-IPT07MSE18-11SZ Datasheet
222Kb / 2P
   Rear Panel Mount Jam Nut Receptacle with Backshell
IPT07SE18-11SZSR GLENAIR-IPT07SE18-11SZSR Datasheet
222Kb / 2P
   Rear Panel Mount Jam Nut Receptacle Connector and Backshell
IPT07Y18-11SZ GLENAIR-IPT07Y18-11SZ Datasheet
241Kb / 2P
   Rear Box Mount Jam Nut Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com