Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ27C010A Datasheet(PDF) 2 Page - Austin Semiconductor

Part # SMJ27C010A
Description  1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ27C010A Datasheet(HTML) 2 Page - Austin Semiconductor

  SMJ27C010A_05 Datasheet HTML 1Page - Austin Semiconductor SMJ27C010A_05 Datasheet HTML 2Page - Austin Semiconductor SMJ27C010A_05 Datasheet HTML 3Page - Austin Semiconductor SMJ27C010A_05 Datasheet HTML 4Page - Austin Semiconductor SMJ27C010A_05 Datasheet HTML 5Page - Austin Semiconductor SMJ27C010A_05 Datasheet HTML 6Page - Austin Semiconductor SMJ27C010A_05 Datasheet HTML 7Page - Austin Semiconductor SMJ27C010A_05 Datasheet HTML 8Page - Austin Semiconductor SMJ27C010A_05 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
SMJ27C010A
AS27C010A
SMJ27C010A
AS27C010A
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
FUNCTIONAL BLOCK DIAGRAM*
OPERATION
The seven modes of operation are listed in Table 1. The read mode requires a single 5V supply. All inputs are TTL level
except for V
PP
during programming (13V for SNAP! Pulse), and 12V on A9 for signature mode.
TABLE 1. OPERATION MODES
* X can be V
IL
or V
IH
.
**V
H
= 12V ± 0.5V
A0
A1
A2
A3
A4
A5
DQ0
A6
DQ1
A7
DQ2
A8
DQ3
A9
DQ4
A10
DQ5
A11
DQ6
A12
DQ7
A13
A14
A15
A16
E\
G\
&
12
[PWR DWN]
11
10
9
8
7
6
5
27
26
23
25
4
28
29
3
2
22
24
EN
A
A
A
A
A
A
A
A
13
14
15
17
18
19
20
21
EPROM 131,072 x 8
0
16
A
0
131,071
READ
OUTPUT
DISABLE
STANDBY PROGRAMMING
VERIFY
PROGRAM
INHIBIT
E\
VIL
VIL
VIH
VIL
VIL
VIH
G\
VIL
VIH
X
VIH
VIL
X
PGM\
X
X
X
VIL
VIH
X
VPP
VCC
VCC
VCC
VPP
VPP
VPP
VCC
VCC
VCC
VCC
VCC
VCC
VCC
A9
X
X
X
X
X
X
VH**
VH**
A0
X
X
X
X
X
X
VIL
VIH
MFG
DEVICE
97
D6
VCC
DQ0-DQ7
Data Out
High-Z
High-Z
Data In
Data Out
High-Z
CODE
VIL
VIL
X
VCC
FUNCTION
SIGNATURE MODE
MODE*
* This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. J package illustrated.


Similar Part No. - SMJ27C010A_05

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A-12 AUSTIN-SMJ27C010A-12 Datasheet
142Kb / 11P
   UVEPROM
SMJ27C010A-15 AUSTIN-SMJ27C010A-15 Datasheet
142Kb / 11P
   UVEPROM
SMJ27C010A-20 AUSTIN-SMJ27C010A-20 Datasheet
142Kb / 11P
   UVEPROM
More results

Similar Description - SMJ27C010A_05

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com