Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS8SLC128K32 Datasheet(PDF) 3 Page - Austin Semiconductor

Part No. AS8SLC128K32
Description  128K x 32 SRAM SRAM MEMORY ARRAY
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS8SLC128K32 Datasheet(HTML) 3 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
3
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
AC TEST CONDITIONS
NOTE:
*This parameter is sampled.
CAPACITANCE (V
IN = 0V, f = 1MHz, TA = 25
oC)*
Input pulse levels...........................................VSS to 3V
Input rise and fall times...........................................1ns/V
Input timing reference levels...............................1.5V
Output reference levels........................................1.5V
Output load..........................................See Figure 1, 2
TEST SPECIFICATIONS
FIGURE 1
Q
30 pF
R
L
= 50
V
L
= 1.5V
Z
O
= 50
3.3V
Q
333
5 pF
319
FIGURE 2
SYMBOL
PARAMETER
MAX
UNITS
CADD
A0 - A16 Capacitance
40
pF
COE
OE\ Capacitance
40
pF
CWE, CCS
WEx\ and CSx\ Capacitance
12
pF
CIO
I/O 0- I/O 31 Capacitance
15
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn