Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS8SLC128K32 Datasheet(PDF) 9 Page - Austin Semiconductor

Part No. AS8SLC128K32
Description  128K x 32 SRAM SRAM MEMORY ARRAY
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS8SLC128K32 Datasheet(HTML) 9 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
9
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
*All measurements are in inches.
ASI Case (Package Designator P)
MIN
MAX
A
0.135
0.195
A1
0.025
0.035
φb
0.016
0.020
φb1
0.045
0.055
φb2
0.065
0.075
D
1.064
1.086
D1/E1
D2
e
L
0.145
0.155
0.600 BSC
0.100 BSC
SYMBOL
1.000 BSC
SMD SPECIFICATIONS
A
A1
L
φb
e
φb1
4 x D
D1
D2
E1
Pin 66
e
Pin 11
Pin 1
(identified by
0.060 square pad)
Pin 56
φb2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn