Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS8SLC128K32 Datasheet(PDF) 8 Page - Austin Semiconductor

Part No. AS8SLC128K32
Description  128K x 32 SRAM SRAM MEMORY ARRAY
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS8SLC128K32 Datasheet(HTML) 8 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
8
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case (Package Designator Q)
*All measurements are in inches.
MIN
MAX
A
0.123
0.200
A1
0.118
0.186
A2
0.005
0.015
B
b
0.013
0.017
D
D1
0.870
0.890
D2
0.980
1.000
E
0.936
0.956
e
R
L1
0.035
0.045
0.010 TYP
SYMBOL
0.800 BSC
0.050 BSC
SMD SPECIFICATIONS
0.010 REF
A
A2
SEE DETAIL A
E3
DETAILA
L1
1o - 7o
R
B
D2
D1
D
b
e


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn