Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

947-112B9B Datasheet(PDF) 2 Page - Glenair, Inc.

Part No. 947-112B9B
Description  Jam Nut Bulkhead Feed-Thru
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GLENAIR [Glenair, Inc.]
Homepage  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-112B9B Datasheet(HTML) 2 Page - Glenair, Inc.

  947-112B9B Datasheet HTML 1Page - Glenair, Inc. 947-112B9B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
E-15
E
E
ø D
RECOMMENED PANEL CUT-OUT
3. MATERIAL/FINISH:
SHELL, LOCKRING, JAM NUT - AL ALLOY/TABLE II
CONTACTS - COPPER ALLOY/GOLD PLATE
INSULATORS - HIGH GRADE RIGID DIELECTRIC/ N.A.
SEALS - FLUOROSILICONE/N.A.
2. ELECTRICAL SAFETY LIMITS MUST BE ESTABLISHED BY USER, PEAK VOLTAGE,
SWITCHING SURGE, TRANSIENT, ECT.. SHOULD BE USED TO DETERMINE THE
SAFETY APPLICATION.
1. ASSEMBLY IDENTIFIED WITH MANUFACTURER'S NAME AND P/N.
NOTES:
x1-6g-0.100R
M17
M20
M25
M28
M32
M35
M38
M41
M44
1.710 (43.4)
1.585 (40.3)
1.460 (37.1)
1.335 (33.9)
1.210 (30.7)
1.085 (27.6)
.995 (25.3)
.771 (19.6)
.670 (17.0)
1.760 (44.7)
1.635 (41.5)
1.510 (38.4)
1.385 (35.2)
1.260 (32.0)
1.135 (28.8)
1.010 (27.6)
.822 (20.9)
.698 (17.7)
2.20 (55.9)
2.08 (52.8)
1.95 (49.5)
1.83 (46.5)
1.64 (41.7)
1.52 (36.9)
1.39 (35.3)
1.27 (32.3)
1.08 (27.4)
2.000 (50.8)
1.875 (47.6)
1.750 (44.5)
1.625 (41.3)
1.500 (38.1)
1.375 (34.9)
1.250 (31.8)
1.000 (25.4)
.875 (22.2)
1.6250
1.5000
1.3750
1.2500
1.1875
1.0000
.8750
.7500
.6250
25
23
21
19
17
15
13
11
9
F THREAD
DIM
E
DIA
D
MAX
C DIM
DIM
B
0.1P-0.3L-TS-2
A THREAD
SIZE
SHELL
TABLE I: CONNECTOR DIMENSIONS
SYM
TABLE II: MATERIALS
B
J
M
N
NF
T
FINISH DESCRIPTION
CADMIUM PLATE/OLIVE DRAB
GOLD IRIDITE OVER CADMIUM
PLATE OVER NICKEL
ELECTROLESS NICKEL
CADMIUM PLATE/OLIVE DRAB
OVER NICKEL
CAD/O.D. ONER ELECTROLESS
NICKEL (500 HOUR SALT SPRAY)
CADMIUM PLATE/BRIGHT DIP
OVER NICKEL
AND FINISH
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A Thread
0.1P-0.3L-TS-2
B
Dimension
C
Dimension Max
D
Diameter
E
Dimension
F Thread
x1-6g-0.100R
09
.6250
.875 (22.2)
1.08 (27.4)
6.98 (17.7)
.670 (17.0)
M17
11
.7500
1.000 (25.4)
1.27 (32.3)
.822 (20.9)
.771 (19.6)
M20
13
.8750
1.250 (31.8)
1.39 (35.3)
1.010 (27.6)
.995 (25.3)
M25
15
1.0000
1.375 (34.9)
1.52 (36.9)
1.135 (28.8)
1.085 (27.6)
M28
17
1.1875
1.500 (38.1)
1.64 (41.7)
1.260 (32.0)
1.210 (30.7)
M32
19
1.2500
1.625 (41.3)
1.83 (46.5)
1.385 (35.2)
1.335 (33.9)
M35
21
1.3750
1.750 (44.5)
1.95 (49.5)
1.510 (38.4)
1.460 (37.1)
M38
23
1.5000
1.875 (47.6)
2.08 (52.8)
1.635 (41.5)
1.585 (40.3)
M41
25
1.6250
2.000 (50.8)
2.20 (55.9)
1.760 (44.7)
1.710 (43.4)
M44
TABLE II: MATERIALS AND FINISH
SYM
FINISH
B
Cadmium Plate / Olive Drab
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Cadmium Plate / Olive Drab over Nickel
NF
Cadmium / Olive Drab over Electroless
Nickel Nickel (500 Hour Salt Spray)
T
Cadmium Plate / Bright Dip Over Nickel
APPLICATION NOTES
Assembly identified with manufacturers name and part number
1.
Electrical safety limits must be established by user, peak voltage, switching surge, transient, etc. should be used to determine the
2.
safety applications.
Material/ Finishes:
3.
Shells, Jam Nut - AL Alloy
Insulators- High Grade Rigid Dielectric/ N.A
Seals- Fluorosilicone/ N.A.
947-112
MIL-DTL-38999 Series III Type
Jam Nut Bulkhead Feed-Thru


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn