Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

947-112B9B Datasheet(PDF) 1 Page - Glenair, Inc.

Part No. 947-112B9B
Description  Jam Nut Bulkhead Feed-Thru
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GLENAIR [Glenair, Inc.]
Homepage  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-112B9B Datasheet(HTML) 1 Page - Glenair, Inc.

  947-112B9B Datasheet HTML 1Page - Glenair, Inc. 947-112B9B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
E-14
E
947-112
MIL-DTL-38999 Series III Type
Jam Nut Bulkhead Feed-Thru
Product Series
Basic Number
947 - 112 M 25 - 24 B P S
Finish
See Table II
Shell Size
A - 9
B - 11
C - 13
D - 15
E - 17
F - 19
G - 21
H - 23
J - 25
Contact Style
P - Pin on Flange Side
S - Socket on Flange Side
Contact Style
P - Pin on Jam Nut Side
S - Socket on Jam Nut Side
Alternate Key
Position
A, B, C, D,
(Omit for Normal)
CONNECTOR, RECEPTACLE,
BULKHEAD FEEDTHRU JAM NUT,
MIL-C-38999, SERIES III
(FOR 2.00 MAX PANEL)
947-112
2.00 MAX.
PANEL
F THREAD
A THREAD
TYP.
3.470
MAX
2.770
MAX
.125
MAX
.520 MAX FULLY MATED INDICATOR BAND - RED TYPE
C
B
SEE MIL-STD-1560 FOR
INSERT ARRANGEMENT
HOW TO ORDER:
EXAMPLE:
PRODUCT SERIES
BASIC NUMBER
FINISH, TABLE II
SHELL SIZE, TABLE I
INSERT ARRANGEMENT DASH NUMBER
PER MIL-STD-1560
ALTERNATE POSITION, PER MIL-C-38999
A, B, C, OR D OMIT FOR NORMAL
P = PIN ON JAM NUT SIDE
S = SOCKET ON JAM NUT SIDE
P = PIN ON FLANGE SIDE
S = SOCKET ON FLANGE SIDE
947 - 112 M 25 - 24 B P S
CONNECTOR, RECEPTACLE,
BULKHEAD FEEDTHRU JAM NUT,
MIL-C-38999, SERIES III
(FOR 2.00 MAX PANEL)
947-112
2.00 MAX.
PANEL
F THREAD
A THREAD
TYP.
3.470
MAX
2.770
MAX
.125
MAX
.520 MAX FULLY MATED INDICATOR BAND - RED TYPE
C
B
SEE MIL-STD-1560 FOR
INSERT ARRANGEMENT
HOW TO ORDER:
EXAMPLE:
PRODUCT SERIES
BASIC NUMBER
FINISH, TABLE II
SHELL SIZE, TABLE I
INSERT ARRANGEMENT DASH NUMBER
PER MIL-STD-1560
ALTERNATE POSITION, PER MIL-C-38999
A, B, C, OR D OMIT FOR NORMAL
P = PIN ON JAM NUT SIDE
S = SOCKET ON JAM NUT SIDE
P = PIN ON FLANGE SIDE
S = SOCKET ON FLANGE SIDE
947 - 112 M 25 - 24 B P S
See MIL-STD-1560 for
Insert Arrangement
A Thread
F Thread
Panel
.520 Max Fully Mated Indicator Band - Red Type
C
B
Insert Arrangement
Per MIL-DTL-38999 Series III
MIL-STD-1560


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn