Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C4009 Datasheet(PDF) 11 Page - Austin Semiconductor

Part No. AS5C4009
Description  512K x 8 SRAM Ultra Low Power SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C4009 Datasheet(HTML) 11 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C4009
AS5C4009
Rev. 5.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
** OPTIONS
L = 2V Data Retention/Ultra Low Power
NOTES:
1. All CSOJ devices, please consult factory. Not all combinations of operating
temperature, speed, data retention and low power are necessarily available. Please contact
the factory for availability of specific part number combinations.
2. Plastic devices not available as 883. For XT or 55ns devices, contact factory.
Device Number
Package
Type
Speed
ns
Options** Process
Device Number
Package
Type
Speed
ns
Options** Process
AS5C4009
CW
-55
L
/*
AS5C4009
ECJ
-55
L
/*
AS5C4009
CW
-70
L
/*
AS5C4009
ECJ
-70
L
/*
AS5C4009
CW
-85
L
/*
AS5C4009
ECJ
-85
L
/*
AS5C4009
CW
-100
L
/*
AS5C4009
ECJ
-100
L
/*
Device Number
Package
Type
Speed
ns
Options** Process
AS5C4009
DG
-55
L
/*
AS5C4009
DG
-70
L
/*
AS5C4009
DG
-85
L
/*
AS5C4009
DG
-100
L
/*
EXAMPLE: AS5C4009DG-70/IT
2
EXAMPLE: AS5C4009ECJ-85L/883C
1
EXAMPLE: AS5C4009CW-55L/XT
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn