Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C4009 Datasheet(PDF) 8 Page - Austin Semiconductor

Part No. AS5C4009
Description  512K x 8 SRAM Ultra Low Power SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C4009 Datasheet(HTML) 8 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C4009
AS5C4009
Rev. 5.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
ASI Case #112 (Package Designator CW)
e
b
b1
L
L1
A
MECHANICAL DEFINITION*
D
Pin 1
E
E1
b2
MIN
MAX
A
0.089
0.111
b
0.016
0.020
b1
0.045
0.055
b2
0.008
0.012
D
1.585
1.615
E
0.585
0.605
E1
0.590
0.610
e
0.090
0.110
L
0.040
0.060
L1
0.125
0.175
SYMBOL
ASI PACKAGE
*All measurements are in inches.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn