Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C4009 Datasheet(PDF) 6 Page - Austin Semiconductor

Part No. AS5C4009
Description  512K x 8 SRAM Ultra Low Power SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C4009 Datasheet(HTML) 6 Page - Austin Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C4009
AS5C4009
Rev. 5.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
Austin Semiconductor, Inc.
READ CYCLE NO. 1 1
(Address Controlled, CE\ = OE\ = V
IL, WE\ = VIH)
READ CYCLE NO. 2 2
(WE\ = V
IH)
LOW V
CC DATA RETENTION WAVEFORM
ADDRESS
t
RC
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12
12
12
12
12
12
12
12
12
12
12
12
t
OH
t
AA
Previous Data Valid
Data Valid
DATA OUT
ADDRESS
t
RC
t
AA
CE\
123456
123456
123456
123456
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
1234567890123456789012
1234567890123456789012
1234567890123456789012
1234567890123456789012
123456
123456
123456
123456
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
t
CO1
1234567890123
1234567890123
1234567890123
1234567890123
1234567890123
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
1234567890123456789012
1234567890123456789012
1234567890123456789012
1234567890123456789012
123456789
123456789
123456789
123456789
123456789
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
12345678901234567890
123456789012345678901
123456789012345678901
123456789012345678901
123456789012345678901
t
OE
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234
1234
1234
1234
1234
1234
12
12
12
12
12
12
12
12
12
12
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234
1234
1234
1234
1234
1234
1
1
1
1
1
12
12
12
12
12
Data Valid
High-Z
t
OH
t
HZ
t
OHZ
t
OLZ
t
LZ
OE\
DATA OUT
12345
12345
12345
12345
12345
Don’t Care
Undefined
12345
12345
12345
12345
12345
t
SDR
t
RDR
Data Retention
V
CC
4.5V
2.2V
V
DR
GND
CE\
CE\ > Vcc - 0.2V
CE\ Controlled


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn