Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C2568DJ Datasheet(PDF) 4 Page - Austin Semiconductor

Part No. AS5C2568DJ
Description  32K x 8 SRAM SRAM MEMORY ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C2568DJ Datasheet(HTML) 4 Page - Austin Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C2568
AS5C2568
Rev. 2.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(Note 5) (-55oC < T
C < 125
oC or -40oC to +85oC; V
CC = 5.0V +10%)
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE
READ cycle time
tRC
12
15
20
ns
Address access time
tAA
12
15
20
ns
Chip enable access time
tACE
12
15
20
ns
Output hold from address change
tOH
22
2
ns
Chip enable to output in Low-Z
tLZCE
22
2
ns
7
Chip disable to output in High-Z
tHZCE
7
8
9
ns
6, 7
Chip enable to power-up time
tPU
00
0
ns
4
Chip disable to power-down time
tPD
12
15
20
ns
4
Output enable to access time
tAOE
67
8
ns
Output enable to output in Low-Z
tLZOE
00
0
ns
Output disable to output in High-Z
tHZOE
67
8
ns
6
WRITE CYCLE
WRITE cycle time
tWC
12
15
20
ns
Chip enable to end of write
tCW
910
12
ns
Address valid to end of write
tAW
910
12
ns
Address setup time
tAS
00
0
ns
Address hold from end of write
tAH
00
0
ns
WRITE pulse width
tWP
10
12
15
ns
Data setup time
tDS
78
10
ns
Data hold time
tDH
00
0
ns
Write disable to output in Low-Z
tLZWE
22
2
ns
7
Write enable to output in High-Z
tHZWE
0
7
0
7
0
9
ns
6, 7
DESCRIPTION
SYM
UNITS NOTES
-12
-15
-20


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn