Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5C2568DJ Datasheet(PDF) 8 Page - Austin Semiconductor

Part No. AS5C2568DJ
Description  32K x 8 SRAM SRAM MEMORY ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

AS5C2568DJ Datasheet(HTML) 8 Page - Austin Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C2568
AS5C2568
Rev. 2.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #906 (Package Designator DJ)
* All measurements are in inches.
L
e
b
A1
E2
A
R
E
E1
D
MIN
MAX
A
0.128
0.148
A1
0.025
---
A2
0.082
---
B
0.015
0.020
b
0.026
0.032
C
0.007
0.013
D
0.820
0.830
E
0.435
0.445
E1
0.395
0.405
E2
e
0.370 BSC
0.050 BSC
SYMBOL
ASI SPECIFICATIONS


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn