Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C1008DJ-20/XT Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS5C1008DJ-20/XT
Description  128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C1008DJ-20/XT Datasheet(HTML) 9 Page - Austin Semiconductor

  AS5C1008DJ-20/XT Datasheet HTML 1Page - Austin Semiconductor AS5C1008DJ-20/XT Datasheet HTML 2Page - Austin Semiconductor AS5C1008DJ-20/XT Datasheet HTML 3Page - Austin Semiconductor AS5C1008DJ-20/XT Datasheet HTML 4Page - Austin Semiconductor AS5C1008DJ-20/XT Datasheet HTML 5Page - Austin Semiconductor AS5C1008DJ-20/XT Datasheet HTML 6Page - Austin Semiconductor AS5C1008DJ-20/XT Datasheet HTML 7Page - Austin Semiconductor AS5C1008DJ-20/XT Datasheet HTML 8Page - Austin Semiconductor AS5C1008DJ-20/XT Datasheet HTML 9Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C1008
AS5C1008
Rev. 3.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
Device Number
Package
Type
Speed
ns
Process
AS5C1008
DJ
-15
/*
AS5C1008
DJ
-20
/*
AS5C1008
DJ
-25
/*
EXAMPLE: AS5C1008DJ-25/XT


Similar Part No. - AS5C1008DJ-20/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C1008DJ-20/XT AUSTIN-AS5C1008DJ-20/XT Datasheet
109Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
More results

Similar Description - AS5C1008DJ-20/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C1008 AUSTIN-AS5C1008 Datasheet
109Kb / 9P
   128K x 8 SRAM RUGGEDIZED PLASTIC HIGH SPEED SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com