Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT5C2568 Datasheet(PDF) 13 Page - Austin Semiconductor

Part No. MT5C2568
Description  32K x 8 SRAM SRAM MEMORY ARRAY
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

MT5C2568 Datasheet(HTML) 13 Page - Austin Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.5 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
Austin Semiconductor, Inc.
* All measurements are in inches.
ASI Case #500 (Package Designator DCJ)
MECHANICAL DEFINITIONS*
E1
B1
A3
A
A2
e
b
D
E
MIN
MAX
A
0.116
0.166
A2
0.026
0.036
A3
---
0.166
B1
0.030
0.040
b
0.015
0.019
D
---
0.740
E
0.380
0.420
E1
0.395
0.410
e
SYMBOL
ASI SPECIFICATIONS
0.050 BSC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn