Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT5C2568 Datasheet(PDF) 10 Page - Austin Semiconductor

Part No. MT5C2568
Description  32K x 8 SRAM SRAM MEMORY ARRAY
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUSTIN [Austin Semiconductor]
Homepage  http://www.austinsemiconductor.com
Logo 

MT5C2568 Datasheet(HTML) 10 Page - Austin Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.5 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
Austin Semiconductor, Inc.
* All measurements are in inches.
MECHANICAL DEFINITIONS*
ASI Case #204 (Package Designator EC)
SMD 5962-88662, Case Outline U
NOTE: These dimensions are per the SMD. ASI's package dimensional limits may
differ, but they will be within the SMD limits.
E
D
E3
hx45o
A
A1
D3
MIN
MAX
A
0.060
0.120
A1
0.050
0.088
B1
0.022
0.028
B2
D
0.342
0.358
D1
D2
D3
---
0.358
E
0.540
0.560
E1
E2
E3
---
0.558
e
h
L
0.045
0.055
L1
0.075
0.095
SYMBOL
SMD SPECIFICATIONS
0.072 REF
0.200 BSC
0.100 BSC
0.040 REF
0.050 BSC
0.200 BSC
0.400 BSC
E1
L1
B1
D1
L
e
B2
E2
D2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn