Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FGR3000CV-90DA Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. FGR3000CV-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

FGR3000CV-90DA Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aug.1998
AUXILIARY CATHODE
CONNECTOR (RED)
500 ± 8
GATE (WHITE)
φ 3.5 DEPTH 2.2 ± 0.2
CATHODE
TYPE NAME
ANODE
φ 85 ± 0.2
φ 85 ± 0.2
φ 120 MAX
φ 3.5 DEPTH 2.2 ± 0.2
MITSUBISHI REVERSE-CONDUCTING GTO THYRISTORS
FGR3000CV-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
FGR3000CV-90DA
OUTLINE DRAWING
Dimensions in mm
VDRM
VDSM
VD(DC)
Unit
Symbol
Parameter
V
V
V
Voltage class
Repetitive peak off-state voltage+
Non-repetitive peak off-state voltage+
DC off-state voltage+
MAXIMUM RATINGS
90DA
4500
4500
2500
+ : VGK = –2V
A
A
A
kA
A2s
A
A
kA
A2s
A/
µs
V
V
A
A
W
kW
W
W
°C
°C
kN
g
VDM = 3375V, Tj = 125
°C, CS = 3.5µF, LS = 0.2µH
f = 60Hz, sine wave
θ = 180°, Tf = 70°C
One half cycle at 60Hz
One cycle at 60Hz
f = 60Hz, sine wave
θ = 180°, Tf = 70°C
One half cycle at 60Hz
One cycle at 60Hz
VD = 2250V, IGM = 40A, Tj = 125
°C
Recommended value 37
Standard value
Repetitive controllable on-state current
RMS on-state current
Average on-state current
Surge (non-repetitive) on-state current
I2t for fusing
RMS Reverse current
Average reverse current
Surge (non-repetitive) reverse current
Current-squared, time integration
Critical rate of rise of on-state current
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate reverse current
Peak forward gate power dissipation
Peak reverse gate power dissipation
Average forward gate power dissipation
Average reverse gate power dissipation
Junction temperature
Storage temperature
Mounting force required
Weight
ITQRM
IT(RMS)
IT(AV)
ITSM
IT2t
IR(RMS)
IR(AV)
IRSM
IR2t
diT/dt
VFGM
VRGM
IFGM
IRGM
PFGM
PRGM
PFG(AV)
PRG(AV)
Tj
Tstg
Symbol
Parameter
Conditions
Ratings
3000
1410
900
18
1.3
× 106
1100
700
22
2.0
× 106
500
10
18
100
900
400
27
100
230
–40 ~ +125
–40 ~ +150
31 ~ 43
1450
Unit
APPLICATION
Inverters, D.C. choppers, Induction heaters, D.C. to D.C. converters.
q ITQRM Repetitive controllable on-state current ...........3000A
q IT(AV)
Average on-state current ....................... 900A
q VDRM Repetitive peak off state voltage ...................4500V
q Reverse conducting type


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FG3300AH-50DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
FG2000FX-50DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Powerex Power Semiconductors
FG4000BX-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
FG2000JV-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Powerex Power Semiconductors
GCU08BA-130GCT THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 MorePowerex Power Semiconductors
FG4000CX-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
FG3000DV-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Powerex Power Semiconductors
GCU15BA-130GCT THYRISTOR UNIT HIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 5 MorePowerex Power Semiconductors
FG4000EX-50DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
FG3000GX-90DAHIGH POWER INVERTER USE PRESS PACK TYPE 1 2 3 4 Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn