Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4DDR232M72PBG Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS4DDR232M72PBG
Description  32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M72PBG Datasheet(HTML) 5 Page - Austin Semiconductor

  AS4DDR232M72PBG Datasheet HTML 1Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 2Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 3Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 4Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 5Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 6Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 7Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 8Page - Austin Semiconductor AS4DDR232M72PBG Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.4 G
2.4 G
2.4 G
2.4 G
2.4 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M72PBG
AS4DDR232M72PBG
Rev. 2.0 5/07
Austin Semiconductor, Inc. Austin, Texas 512.339.1188 www.austinsemiconductor.com
5
Austin Semiconductor, Inc.
following two sets of conditions (A or B) must be met to
obtain a stable supply state (stable supply defi ned as
V
CC,
V
CCQ,
V
REF,
and V
TT
are between their
minimum and maximum values as stated in Table20);
A. (single power source) The V
CC voltage ramp from
300mV to V
CC (MIN) must take no longer than
200ms; during the V
CC voltage ramp, |VCC - VCCQ|
± 0.3V. Once supply voltage ramping is complete
(when V
CCQ
crosses V
CC
(MIN)), Table 20
specifications apply.
•V
CC, VCCQ are driven from a single power converter
output
•V
TT is limited to 0.95V MAX
•V
REF
tracks V
CCQ/2;
V
REF
must be within
± 0.3V with respect to V
CCQ/2 during supply ramp
time
•V
CCQ > VREF at all times
B. (multiple power sources) V
CC > VCCQ must be
maintained during supply voltage ramping, for both
AC and DC levels, until supply voltage ramping
completes (V
CCQ crosses VCC [MIN]).
Once supply
voltage ramping is complete, Table 20 specifications
apply.
• Apply V
CC
before or at the same time as
V
CCQ; VCC voltage ramp time must be < 200ms
from when V
CC ramps from 300mV to VCC (MIN)
• Apply V
CCQ before or at the same time as VTT; the
V
CCQ voltage ramp time from when VCC (MIN) is
achieved to when V
CCQ (MIN) is achieved must be
<500ms; while V
CC is ramping, current can be
supplied from V
CC through the device to VCCQ
• VREF must track VCCQ/2, VREF must be within
± 0.3V with respect to V
CCQ/2 during supply ramp
time; V
CCQ > VREF must be met at all times
• Apply V
TT; The VTT voltage ramp time from when
V
CCQ (MIN) is achieved to when VTT (MIN) is achieved
must be no greater than 500ms
2.
For a minimum of 200
µs after stable power nd clock
(CK, CK#), apply NOP or DESELECT commands and
take CKE HIGH.
3.
Wait a minimum of 400ns, then issue a PRECHARGE
ALL command.
4.
Issue an LOAD MODE command to the EMR(2). (To
issue an EMR(2) command, provide LOW to BA0,
provide HIGH to BA1.)
5.
Issue a LOAD MODE command to the EMR(3). (To
issue an EMR(3) command, provide HIGH to BA0 and
BA1.)
6.
Issue an LOAD MODE command to the EMR to enable
DLL. To issue a DLL ENABLE command, provide LOW
to BA1 and A0, provide HIGH to BA0. Bits E7, E8, and
E9 can be set to “0” or “1”; Micron recommends setting
them to “0”.
7.
Issue a LOAD MODE command for DLL RESET. 200
cycles of clock input is required to lock the DLL. (To
issue a DLL RESET, provide HIGH to A8 and provide
LOW to BA1, and BA0.) CKE must be HIGH the entire
time.
8.
Issue PRECHARGE ALL command.
9.
Issue two or more REFRESH commands, followed
by a dummy WRITE.


Similar Part No. - AS4DDR232M72PBG

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS4DDR232M72APBG MICROSS-AS4DDR232M72APBG Datasheet
1Mb / 28P
   4-bit prefetch architecture
AS4DDR232M72APBG-3 MICROSS-AS4DDR232M72APBG-3 Datasheet
1Mb / 28P
   4-bit prefetch architecture
AS4DDR232M72APBG-38 MICROSS-AS4DDR232M72APBG-38 Datasheet
1Mb / 28P
   4-bit prefetch architecture
AS4DDR232M72APBG-5 MICROSS-AS4DDR232M72APBG-5 Datasheet
1Mb / 28P
   4-bit prefetch architecture
AS4DDR232M72APBGR-3 MICROSS-AS4DDR232M72APBGR-3 Datasheet
1Mb / 28P
   4-bit prefetch architecture
More results

Similar Description - AS4DDR232M72PBG

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG AUSTIN-AS4DDR232M64PBG Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG AUSTIN-AS4DDR264M72PBG Datasheet
267Kb / 28P
   64Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M65PBG1 AUSTIN-AS4DDR264M65PBG1 Datasheet
252Kb / 28P
   64Mx64 DDR2 SDRAM w/ DUAL CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1 AUSTIN-AS4DDR264M64PBG1 Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG1 AUSTIN-AS4DDR264M72PBG1 Datasheet
381Kb / 28P
   64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
   16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3E32M72S-XSBX WEDC-W3E32M72S-XSBX Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com