Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4294A-1CM Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 4294A-1CM
Description  Precision Impedance Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4294A-1CM Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 4294A-1CM Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4294A-1CM Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4294A-1CM Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4294A-1CM Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4294A-1CM Datasheet HTML 9Page - Agilent(Hewlett-Packard) 4294A-1CM Datasheet HTML 10Page - Agilent(Hewlett-Packard) 4294A-1CM Datasheet HTML 11Page - Agilent(Hewlett-Packard) 4294A-1CM Datasheet HTML 12Page - Agilent(Hewlett-Packard) 4294A-1CM Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
at Dx
≤0.1 (Qx ≥10)
E
Rp: ±
Dx E/100
[%]
Rs: ±E/Dx [%]
at 0.1 <Dx <10
(0.1 <Qx <10)
at Dx
≥10 (Qx ≤0.1)
±E [%]
D accuracy
at Dx
≤0.1
±E/100
at 0.1 <Dx
≤1
±E X (1 + Dx)/100
Q accuracy (at Qx X Da <1)
at Qx
≤10 (Dx ≥0.1)
Qx2 X E(1 + Dx)/100
±
1
Qx X E(1 + Dx)/100
at Qx >10 (Dx <0.1)
Qx2 X E/100
±
1
Qx X E/100
G accuracy
at Dx >0.1
at Dx
≤0.1
±E/Dx [%]
NOTE
Dx : measurement value of D.
Qx : measurement value of Q.
Da : measurement accuracy of D.
Rp:
±E
Dx
[%]
1 + Dx
2
1 + Dx
2
E
100
Rs:
±E
Dx
[%]
1 + Dx
2
±E
Dx
[%]
1 + Dx
2


Similar Part No. - 4294A-1CM

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
4294A TDK-4294A Datasheet
181Kb / 4P
   Inductors for power circuits Wound ferrite
20220712
4294A TDK-4294A Datasheet
251Kb / 4P
   Inductors for power circuits Wound ferrite
20221202
4294A TDK-4294A Datasheet
220Kb / 4P
   Common mode filters Automotive signal line (for power train/safety)
20221027
4294A+16034G TDK-4294A+16034G Datasheet
177Kb / 4P
   Inductors for decoupling circuits Multilayer ferrite MLJ-G series (for automotive PoC)
20220601
More results

Similar Description - 4294A-1CM

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E4990A KEYSIGHT-E4990A Datasheet
4Mb / 30P
   Impedance Analyzer
E4990A-001 KEYSIGHT-E4990A-001 Datasheet
4Mb / 30P
   Impedance Analyzer
E4991B-002 KEYSIGHT-E4991B-002 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-007 KEYSIGHT-E4991B-007 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B KEYSIGHT-E4991B Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-010 KEYSIGHT-E4991B-010 Datasheet
7Mb / 42P
   Impedance Analyzer
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
E4991A HP-E4991A Datasheet
1Mb / 40P
   RF Impedance/Material Analyzer
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
logo
List of Unclassifed Man...
FLM-160808-R22K ETC-FLM-160808-R22K Datasheet
16Kb / 1P
   HP 4291B RF impedance/material analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com