Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E7405A Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # E7405A
Description  EMC Analyzers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E7405A Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  E7405A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 4Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 5Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 6Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 7Page - Agilent(Hewlett-Packard) E7405A Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Weight (without options)
E7402A
14.9 kg
(32.9 lbs.)
E7405A
17.1 kg
(37.7 lbs.)
Dimensions
Without handle
222 mm(H) x 409 mm(D) x
373 mm(W)
With handle (max.)
222 mm(H) x 516 mm(D) x
416 mm(W)
Inputs/outputs
Front panel connectors
Input
50 Ω type N (f)
RF Out
50 Ω type N (f)
Probe power
+15 Vdc, –12.6 Vdc at 150 mA max.
characteristic
Ext. keyboard
6-pin mini-DIN, PC keyboards (for
entering screen titles and file names)
Speaker
front-panel knob controls volume
Headphone
3.5 mm (1/8 inch) miniature audio jack
Power output
0.2 W into 4 Ω1
Amptd ref. output
50 Ω, BNC (f)
Rear panel connectors
10 MHz ref out
50 Ω, BNC (f), > 0 dBm1
10 MHz ref in
50 Ω, BNC (f), –15 to +10 dBm1
Gate trig/ext. trig in BNC (f), 5 V TTL
Gate hi swp out
BNC (f), 5 V TTL
VGA output
VGA compatible monitor, 15-pin D-SUB,
(31.5 kHz horizontal, 60 Hz vertical sync
rates, non-interlaced) Analog RGB 640 x
480
IF and sweep ports
Aux IF output
BNC (f), 21.4 MHz, nominal –10 to
–70 dBm1 (uncorrected)
Aux video out
BNC (f), 0 to 1 V1 (uncorrected)
Hi swp In
BNC (f), low stops sweep (5 V TTL)
Hi swp out
BNC (f), (5 V TTL)
Swp out
BNC (f), 0 to +10 V1 ramp
GPIB interface
Standard (Option A4H) IEEE-488 bus connector
Serial interface
(Option 1AX)
RS-232, 9-pin D-SUB (m)
Parallel interface
Standard
25-pin D-SUB (f), printer port only
1. Characteristic


Similar Part No. - E7405A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E7405A HP-E7405A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - E7405A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
N9926A KEYSIGHT-N9926A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9938A KEYSIGHT-N9938A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9935A KEYSIGHT-N9935A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9928A KEYSIGHT-N9928A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com