Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527277MP5 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527277MP5
Description  Feed Through Backshell Assembly & Adapters for Size 2 ARINC 600 Series Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527277MP5 Datasheet(HTML) 1 Page - Glenair, Inc.

  527277MP5 Datasheet HTML 1Page - Glenair, Inc. 527277MP5 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-14
CAGE Code 06324
527-277
Feed Through Backshell Assembly & Adapters
for Size 2 ARINC 600 Series Connectors
3.770
3.760
(95.8)
(95.5)
5.355
5.345
(136.0)
(135.8)
2.004
1.994
(50.9)
(50.6)
.168 / .158
(4.3) / (4.0)
5.610 (142.5)
4.730 (120.1)
.125 (3.2) Dia
10 Places
1 1/16-18
UNEF-2B
3 Places
See
687-488 Series
Adapters on
Opposite
Page
1.415 / 1.405
(35.9) / (35.7)
2.945
(74.8)
.681
(17.3)
1.258
1.248
(32.0)
(31.7)
2.090
(53.1)
1.790
(45.5)
1.082
1.067
(27.5)
(27.1)
527 277 NF P5
Product Series
Basic Number
Finish (Table I)
Connector Designator (See Note 2)
P = All manufacturers' Plug
and Receptacle Shells
except the following:
P1 = Cannon BKAD****322 Series Plug
P2 = Cannon BKAC & BKAE Series
Environmental Plug
P3 = Cannon/Boeing BACC66 Plug
P5 = Radiall/Boeing BACC66 Plug
Metric dimensions (mm) are indicated in parentheses.


Similar Part No. - 527277MP5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527276B GLENAIR-527276B Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
527276J GLENAIR-527276J Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
527276LF GLENAIR-527276LF Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
527276M GLENAIR-527276M Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
527276N GLENAIR-527276N Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
More results

Similar Description - 527277MP5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527305B GLENAIR-527305B Datasheet
76Kb / 1P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA01 GLENAIR-527193BA01 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527244B01 GLENAIR-527244B01 Datasheet
48Kb / 1P
   EMI/RFI Banding Backshell for Size 2 ARINC 600 Series Connectors
527284BP GLENAIR-527284BP Datasheet
70Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief for Size 2 ARINC 600 Series Connectors
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
logo
Tyco Electronics
208273-4 MACOM-208273-4 Datasheet
75Kb / 1P
   SOCKET CONTACT ASSY, SIZE 12,ARINC 600
logo
ITT Industries
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
logo
Tyco Electronics
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
   PIN CONTACT, SIZE 16 ARINC 600 TYPE
logo
List of Unclassifed Man...
L0122 ETC2-L0122 Datasheet
350Kb / 2P
   SIZE 1, ARINC 600, RF CONNECTOR FOR ECS CABLE 310801
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com