Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527277JP2 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 527277JP2
Description  Feed Through Backshell Assembly & Adapters for Size 2 ARINC 600 Series Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527277JP2 Datasheet(HTML) 2 Page - Glenair, Inc.

  527277JP2 Datasheet HTML 1Page - Glenair, Inc. 527277JP2 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-15
CAGE Code 06324
1 1/16-18 UNEF-2A Typ
.188 (4.8) Typ
.300
(7.6)
C
Across
Points Typ
D
Hex Stock
Typ
.800
(20.3)
A
Cable
Entry
B
527-277
Feed Through Backshell Assembly & Adapters
for Size 2 ARINC 600 Series Connectors
687-488
EMI/RFI Adapter and Cap
for 527-277 Feed Through Backshell (See Opposite Page & Above)
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. ARINC 600 Series Connector Backshells are designed to
replace the insert retainer plates. Due to non-standard
modifications by the connector manufacturer, the backshell
may require special design alterations to mate properly.
Prior to ordering, consult factory with connector
partnumbers not shown in the Part Number Development to
ensure a proper fit.
687-488 NF 03 D
Product Series
Basic Number
Finish
(See Table I Above)
Termination Style
D = 2-Ring Termination for Individual or
Overall Braid
Dash No. (Table II)
B
Max
––
.844 (21.4)
.906 (23.0)
1.093 (27.8)
1.187 (30.1)
1.281 (32.5)
1.500 (38.1)
1.719 (43.7)
TABLE II: CAP & ADAPTER DIMENSIONS & CABLE ENTRY
C
Ref
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.375 (34.9)
1.620 (41.1)
Dash
No.
00
03
04
06
08
10
12
16
A
Max
––
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
1.073 (27.3)
D
1.125 (28.6)
1.125 (28.6)
1.125 (28.6)
1.125 (28.6)
1.125 (28.6)
1.125 (28.6)
1.250 (31.8)
1.500 (38.1)
Style
I
II
II
II
II
II
II
II
Min
––
.157
(4.0)
.187
(4.7)
.281
(7.1)
.344
(8.7)
.375
(9.5)
.438 (11.1)
.562 (14.3)
Max
––
.250
(6.4)
.312
(7.9)
.437 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.938 (23.8)
Cable Range
Metric dimensions (mm) are indicated in parentheses.
Symbol
B
C*
G*
J
LF
M
N
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
TABLE II: FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.
Finish
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
Symbol
NC
NF
T
U**
ZN


Similar Part No. - 527277JP2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527276B GLENAIR-527276B Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
527276J GLENAIR-527276J Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
527276LF GLENAIR-527276LF Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
527276M GLENAIR-527276M Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
527276N GLENAIR-527276N Datasheet
120Kb / 1P
   EMI/RFI Banding Backshell for Radiall EPXB Connector
More results

Similar Description - 527277JP2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527305B GLENAIR-527305B Datasheet
76Kb / 1P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA01 GLENAIR-527193BA01 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527244B01 GLENAIR-527244B01 Datasheet
48Kb / 1P
   EMI/RFI Banding Backshell for Size 2 ARINC 600 Series Connectors
527284BP GLENAIR-527284BP Datasheet
70Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief for Size 2 ARINC 600 Series Connectors
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
logo
Tyco Electronics
208273-4 MACOM-208273-4 Datasheet
75Kb / 1P
   SOCKET CONTACT ASSY, SIZE 12,ARINC 600
logo
ITT Industries
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
logo
Tyco Electronics
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
   PIN CONTACT, SIZE 16 ARINC 600 TYPE
logo
List of Unclassifed Man...
L0122 ETC2-L0122 Datasheet
350Kb / 2P
   SIZE 1, ARINC 600, RF CONNECTOR FOR ECS CABLE 310801
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com