Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA6940M Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # STA6940M
Description  Brushed DC Motor Driver IC With PWM Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STA6940M Datasheet(HTML) 4 Page - Allegro MicroSystems

  STA6940M Datasheet HTML 1Page - Allegro MicroSystems STA6940M Datasheet HTML 2Page - Allegro MicroSystems STA6940M Datasheet HTML 3Page - Allegro MicroSystems STA6940M Datasheet HTML 4Page - Allegro MicroSystems STA6940M Datasheet HTML 5Page - Allegro MicroSystems STA6940M Datasheet HTML 6Page - Allegro MicroSystems STA6940M Datasheet HTML 7Page - Allegro MicroSystems STA6940M Datasheet HTML 8Page - Allegro MicroSystems STA6940M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Brushed DC Motor Driver IC With PWM Control
STA6940M
4
Characteristic Data
Output MOSFET On-Voltage, VDS(on)
Output MOSFET Body Diodes Forward Voltage, VF
0.05
0.07
0.09
0.11
0.13
0.15
0.17
025
50
75
100
125
150
Junction Temperature, TJ (°C)
175
025
50
75
100
125
150
Junction Temperature, TJ (°C)
Single MOSFET
175
IO= 4 A
IO= 3 A
IO= 2 A
IO= 1 A
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - STA6940M

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
More results

Similar Description - STA6940M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8872 TI1-DRV8872_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver With Fault Reporting (PWM Control)
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
   3.6-A Brushed DC Motor Driver (PWM Control)
logo
Texas Instruments
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
logo
Texas Instruments
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
logo
Texas Instruments
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
[Old version datasheet]   3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
   PWM Chopper Type DC Brushed Motor Driver
3.0
TB67H410FTG TOSHIBA-TB67H410FTG Datasheet
1Mb / 26P
   PWM Chopper-Type Brushed DC Motor driver
2015-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com