Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6210 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6210
Description  3 A, 2 MHz Buck-Regulating LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6210 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6210 Datasheet HTML 1Page - Allegro MicroSystems A6210 Datasheet HTML 2Page - Allegro MicroSystems A6210 Datasheet HTML 3Page - Allegro MicroSystems A6210 Datasheet HTML 4Page - Allegro MicroSystems A6210 Datasheet HTML 5Page - Allegro MicroSystems A6210 Datasheet HTML 6Page - Allegro MicroSystems A6210 Datasheet HTML 7Page - Allegro MicroSystems A6210 Datasheet HTML 8Page - Allegro MicroSystems A6210 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 A, 2 MHz Buck-Regulating LED Driver
A6210
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Reg
Ref
+
Control
Logic
On
Timer
Regulator
Comparator
Off
Timer
Driver
Linear
Regulator
Fault
VIN UVLO
TSD
Linear OK
VIN
DIS
GND
TON
BOOT
LX
ISEN
VIN 24 V
VIN
Sleep
Circuit
SGND
Switch
Closed = On
NC
C1
1.0 μF
C2
L1
68 μH
D1
R2
390 mΩ
Blank
Top-off
Charge
Pump
22 nF
R1
180 kΩ
Switching Frequency = 1.4 MHz
All capacitors are X5R or X7R ceramic
Resistor R2 should be surface mount, low inductance type, rated at 250 mW at 70°C
LED1
LED2
LED3
Functional Block Diagram
Pin-out Diagram
Terminal List Table
Number
Name
Function
1
VIN
Input supply
2, 7, 13, 14,
15, 16
NC
No connection; tie to GND
3
TON
Terminal for on-time setting with external resistor
4, 5, 6
GND
Ground terminal
8
ISEN
Current sense input
9
SGND
Current sense ground reference
10
DIS
Disable/enable logic input; active high
11
BOOT
Bootstrap supply node
12
LX
Switch node
–PAD
Exposed thermal pad; connect to ground plane
(GND) by through-hole vias
12
11
10
9
1
2
3
4
LX
BOOT
DIS
SGND
PAD
VIN
NC
TON
GND
(Top View)


Similar Part No. - A6210

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6210GEUTR-T ALLEGRO-A6210GEUTR-T Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
A6210 ALLEGRO-A6210_11 Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
More results

Similar Description - A6210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV6323 ONSEMI-NCV6323 Datasheet
293Kb / 16P
   3 MHz, 2 A Synchronous Buck Converter
October, 2015 ??Rev. 4
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
logo
Alpha & Omega Semicondu...
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
   1.2 A Buck LED Driver
logo
Texas Instruments
TPS92643-Q1 TI-TPS92643-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TPS92643-Q1 Automotive 3-A Synchronous Buck LED Driver
MAY 2022
logo
ON Semiconductor
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com