Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527244LF01 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527244LF01
Description  EMI/RFI Banding Backshell for Size 2 ARINC 600 Series Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527244LF01 Datasheet(HTML) 1 Page - Glenair, Inc.

  527244LF01 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-13
CAGE Code 06324
527-244
EMI/RFI Banding Backshell
for Size 2 ARINC 600 Series Connectors
with Wire Seal Grommet
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2.Backshell must be used in conjunction with Insert
Retainer Plates.
.820
(20.8)
1.660
(42.2)
.380 (9.7)
1.085
(27.6)
.625
(15.9)
1.410
(35.8)
.188 (4.8) Ref
.440
(11.2)
.220 (5.6)
Slot Option
.500 (12.7)
.375 (9.5)
.060 (1.5)
4-40 Screw
Retainer Plate
2.000
(50.8)
.080
(2.0)
Captivated
Screws
.380 (9.7)
1.660
(42.2)
.380
(9.7)
1.320
(33.5)
-01
1.290
(32.8)
.065 (1.7)
Optional RFI Gasket
1.250
(31.8)
1.640
(41.7)
3.450
(87.6)
3.350
(85.1)
.250 (6.4)
Knurl Style
Mfr Option
.625 (15.9)
.750 (19.1)
.060 (1.5)
.080 (2.0)
.065 (1.7)
1.660
(42.2)
1.085
(27.6)
.625
(15.9)
1.410
(35.8)
1.320
(33.5)
527 244 M 01 S R
Product Series
Basic Number
Finish (Table I)
RFI/EMI Gasket
(Omit for None)
S = Slot (Omit for None)
Dash No.
-02
Symbol
B
C*
G*
J
LF
M
N
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
TABLE II: FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.
Finish
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
Symbol
NC
NF
T
U**
ZN


Similar Part No. - 527244LF01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527243B GLENAIR-527243B Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243J GLENAIR-527243J Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243LF GLENAIR-527243LF Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243M GLENAIR-527243M Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243N GLENAIR-527243N Datasheet
48Kb / 1P
   EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
More results

Similar Description - 527244LF01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527305B GLENAIR-527305B Datasheet
76Kb / 1P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527193BA01 GLENAIR-527193BA01 Datasheet
62Kb / 2P
   EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
527284BP GLENAIR-527284BP Datasheet
70Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief for Size 2 ARINC 600 Series Connectors
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
   EMI/RFI Banding Backshell
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
   EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
557331M GLENAIR-557331M Datasheet
120Kb / 2P
   EMI/RFI Banding Backshell Assembly
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
557-108M2 GLENAIR-557-108M2 Datasheet
135Kb / 2P
   EMI/RFI Banding Backshell Assembly
557398M GLENAIR-557398M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com